| Electronic Components Datasheet Search |
|
MAX7313 Datasheet(PDF) 11 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX7313 Datasheet(HTML) 11 Page - Maxim Integrated Products |
|
11 / 27 page ![]() Any bytes received after the command byte are data bytes. The first data byte goes into the internal register of the MAX7313 selected by the command byte (Figure 8). If multiple data bytes are transmitted before a STOP condition is detected, these bytes are generally stored in subsequent MAX7313 internal registers because the command byte address autoincrements (Table 2). A diagram of a write to the output ports registers (blink phase 0 registers or blink phase 1 registers) is given in Figure 10. Message Format for Reading The MAX7313 is read using the MAX7313’s internally stored command byte as an address pointer the same way the stored command byte is used as an address pointer for a write. The pointer autoincrements after each data byte is read using the same rules as for a write (Table 2). Thus, a read is initiated by first configur- ing the MAX7313’s command byte by performing a write (Figure 7). The master can now read n consecu- tive bytes from the MAX7313 with the first data byte being read from the register addressed by the initial- ized command byte. When performing read-after-write verification, remember to reset the command byte’s address because the stored command byte address has been autoincremented after the write (Table 2). A diagram of a read from the input ports registers is shown in Figure 10 reflecting the states of the ports. Operation with Multiple Masters If the MAX7313 is operated on a 2-wire interface with multiple masters, a master reading the MAX7313 should use a repeated start between the write, which sets the MAX7313’s address pointer, and the read(s) that takes the data from the location(s) (Table 2). This is because it is possible for master 2 to take over the bus after master 1 has set up the MAX7313’s address pointer but before master 1 has read the data. If master 2 subsequently changes the MAX7313’s address pointer, then master 1’s delayed read can be from an unexpected location. 16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection ______________________________________________________________________________________ 11 Figure 8. Command and Single Data Byte Received SA A A P 0 SLAVE ADDRESS COMMAND BYTE DATA BYTE 1 BYTE AUTOINCREMENT MEMORY ADDRESS D15 D14 D13 D12 D11 D10 D9 D8 D1 D0 D3 D2 D5 D4 D7 D6 ACKNOWLEDGE FROM MAX7313 ACKNOWLEDGE FROM MAX7313 ACKNOWLEDGE FROM MAX7313 HOW COMMAND BYTE AND DATA BYTE MAP INTO MAX7313'S REGISTERS R/W Figure 9. n Data Bytes Received SA A A P 0 SLAVE ADDRESS COMMAND BYTE DATA BYTE N BYTES AUTOINCREMENT MEMORY ADDRESS D15 D14 D13 D12 D11 D10 D9 D8 D1 D0 D3 D2 D5 D4 D7 D6 ACKNOWLEDGE FROM MAX7313 ACKNOWLEDGE FROM MAX7313 ACKNOWLEDGE FROM MAX7313 HOW COMMAND BYTE AND DATA BYTE MAP INTO MAX7313'S REGISTERS R/W Figure 7. Command Byte Received SA A P 0 SLAVE ADDRESS COMMAND BYTE ACKNOWLEDGE FROM MAX7313 D15 D14 D13 D12 D11 D10 D9 D8 COMMAND BYTE IS STORED ON RECEIPT OF STOP CONDITION ACKNOWLEDGE FROM MAX7313 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |