Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7313 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 8Page - Maxim Integrated Products MAX7313 Datasheet HTML 9Page - Maxim Integrated Products MAX7313 Datasheet HTML 10Page - Maxim Integrated Products MAX7313 Datasheet HTML 11Page - Maxim Integrated Products MAX7313 Datasheet HTML 12Page - Maxim Integrated Products MAX7313 Datasheet HTML 13Page - Maxim Integrated Products MAX7313 Datasheet HTML 14Page - Maxim Integrated Products MAX7313 Datasheet HTML 15Page - Maxim Integrated Products MAX7313 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Command Address Autoincrementing
The command address stored in the MAX7313 circu-
lates around grouped register functions after each data
byte is written or read (Table 2).
Device Reset
If a device reset input is needed, consider the
MAX7314. The MAX7314 includes a RST input, which
clears any transaction to or from the MAX7314 on the
serial interface and configures the internal registers to
the same state as a power-up reset.
Detailed Description
Initial Power-Up
On power-up all control registers are reset and the
MAX7313 enters standby mode (Table 3). Power-up
status makes all ports into inputs and disables both the
PWM oscillator and blink functionality.
Configuration Register
The configuration register is used to configure the PWM
intensity mode, interrupt, and blink behavior, operate
the INT/O16 output, and read back the interrupt status
(Table 4).
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
12
______________________________________________________________________________________
Figure 10. Read, Write, and Interrupt Timing Diagrams
SLAVE ADDRESS
1
2
3
4567
89
S A6 A5 A4 A3 A2 A1 A00
A
0
0
0
00
00
COMMAND BYTE
1A
A
A
P
START CONDITION
ACKNOWLEDGE FROM SLAVE
ACKNOWLEDGE FROM SLAVE
ACKNOWLEDGE FROM SLAVE
STOP
CONDITION
P7–P0
P15– P8
DATA1 VALID
DATA2 VALID
SLAVE ADDRESS
1
2
3
4567
89
S A6A5A4A3A2A1A0
1
A
COMMAND BYTE
ANA
START CONDITION
ACKNOWLEDGE FROM SLAVE
ACKNOWLEDGE FROM MASTER
P7–P0
P15–P8
STOP CONDITION
P
NO ACKNOWLEDGE FROM
MASTER
DATA2
DATA4
DATA3
tDV
tDV
SLAVE ADDRESS
1
2
3
4567
89
S A6A5A4A3A2A1A0 1
A
COMMAND BYTE
ANA
START CONDITION
ACKNOWLEDGE FROM SLAVE
ACKNOWLEDGE FROM MASTER
P7–P0
P15–P8
STOP CONDITION
P
NO ACKNOWLEDGE FROM
MASTER
DATA1
DATA2
DATA3
DATA4
DATA6
DATA5
tDH
tDS
DATA1
tIV
tIR
tIR
tIV
SCL
SDA
SCL
SDA
SCL
SDA
WRITE TO OUTPUT PORTS REGISTERS (BLINK PHASE 0 REGISTERS/BLINK PHASE 1 REGISTERS)
READ FROM INPUT PORTS REGISTERS
INTERRUPT VALID/RESET
R/W
MSB
LSB
DATA1
MSB
LSB
DATA1
MSB
LSB
DATA2
MSB
LSB
DATA4
MSB
LSB
DATA6
MSB
LSB
DATA2
R/W
R/W
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com