| Electronic Components Datasheet Search |
|
MAX7313 Datasheet(PDF) 20 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX7313 Datasheet(HTML) 20 Page - Maxim Integrated Products |
|
20 / 27 page ![]() Using PWM Intensity Controls with Blink Disabled When blink is disabled (Table 7), the blink phase 0 reg- isters specify each output’s logic level during the PWM on-time (Table 8). The effect of setting an output’s blink phase 0 register bit to 0 or 1 is shown in Table 11. With its output bit set to zero, an LED can be controlled with 16 intensity settings from 1/16th duty through fully on, but cannot be turned fully off using the PWM intensity control. With its output bit set to 1, an LED can be con- trolled with 16 intensity settings from fully off through 15/16th duty. Using PWM Intensity Controls with Blink Enabled When blink is enabled (Table 7), the blink phase 0 regis- ters and blink phase 1 registers specify each output’s logic level during the PWM on-time during the respective blink phases (Tables 8 and 9). The effect of setting an output’s blink phase x register bit to 0 or 1 is shown in Table 12. LEDs can be flipped between either directly on and off, or between a variety of high/low PWM intensities. Global/O16 Intensity Control The 4 bits used for output O16’s PWM individual inten- sity setting also double as the global intensity control (Table 13). Global intensity simplifies the PWM settings when the application requires them all to be the same, such as for backlight applications, by replacing the 17 individual settings with 1 setting. Global intensity is enabled with the Global Intensity flag G in the configu- ration register (Table 4). When global PWM control is used, the 4 bits of master intensity and 4 bits of global intensity effectively combine to provide an 8 bit, 240- step intensity control applying to all outputs. It is not possible to apply global PWM control to a sub- set of the ports, and use the others as logic outputs. To mix static logic outputs and PWM outputs, individual PWM control must be selected (Table 10). 16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection 20 ______________________________________________________________________________________ Table 12. PWM Intensity Settings (Blink Enabled) EXAMPLES OF LED BLINK BEHAVIOR (LED IS ON WHEN OUTPUT IS LOW) PWM DUTY CYCLE OUTPUT BLINK PHASE X REGISTER BIT = 0 PWM DUTY CYCLE OUTPUT BLINK PHASE X REGISTER BIT = 1 OUTPUT (OR GLOBAL) INTENSITY SETTING LOW TIME HIGH TIME LOW TIME HIGH TIME BLINK PHASE 0 REGISTER BIT = 0 BLINK PHASE 1 REGISTER BIT = 1 BLINK PHASE 0 REGISTER BIT = 1 BLINK PHASE 1 REGISTER BIT = 0 0x0 1/16 15/16 15/16 1/16 0x1 2/16 14/16 14/16 2/16 0x2 3/16 13/16 13/16 3/16 0x3 4/16 12/16 12/16 4/16 0x4 5/16 11/16 11/16 5/16 0x5 6/16 10/16 10/16 6/16 0x6 7/16 9/16 9/16 7/16 Phase 0: LED on at low intensity Phase 1: LED on at high intensity Phase 0: LED on at high intensity Phase 1: LED on at low intensity 0x7 8/16 8/16 8/16 8/16 Output is half intensity during both blink phases 0x8 9/16 7/16 7/16 9/16 0x9 10/16 6/16 6/16 10/16 0xA 11/16 5/16 5/16 11/16 0xB 12/16 4/16 4/16 12/16 0xC 13/16 3/16 3/16 13/16 0xD 14/16 2/16 2/16 14/16 0xE 15/16 1/16 1/16 15/16 Phase 0: LED on at high intensity Phase 1: LED on at low intensity Phase 0: LED on at low intensity Phase 1: LED on at high intensity 0xF Static low Static low Static high impedance Static high impedance Phase 0: LED on continuously Phase 1: LED off continuously Phase 0: LED off continuously Phase 1: LED on continuously |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |