Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C752 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 39Page - NXP Semiconductors SC16C752 Datasheet HTML 40Page - NXP Semiconductors SC16C752 Datasheet HTML 41Page - NXP Semiconductors SC16C752 Datasheet HTML 42Page - NXP Semiconductors SC16C752 Datasheet HTML 43Page - NXP Semiconductors SC16C752 Datasheet HTML 44Page - NXP Semiconductors SC16C752 Datasheet HTML 45Page - NXP Semiconductors SC16C752 Datasheet HTML 46Page - NXP Semiconductors SC16C752 Datasheet HTML 47Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
45 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[3]
These transparent plastic packages are extremely sensitive to reflow soldering conditions and must
on no account be processed through more than one soldering cycle or subjected to infrared reflow
soldering with peak temperature exceeding 217
°C ± 10 °C measured in the atmosphere of the reflow
oven. The package body peak temperature must be kept as low as possible.
[4]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom
side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with
the heatsink on the top side, the solder might be deposited on the heatsink surface.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it
is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
14. Revision history
Table 28:
Revision history
Rev Date
CPCN
Description
04
20030620
-
Product data (9397 750 11635); ECN 853-2379 30031 of 16 June 2003.
Modifications:
• Figure 12 “Crystal oscillator connections.” on page 18: capacitors’ values changed and
added connection with resistor.
03
20030313
-
Product data (9397 750 11196); ECN 853-2379 29623 of 10 March 2003.
02
20021216
-
Product data (9397 750 10811); ECN 853-2379 29261 of 06 December 2002.
01
20020910
-
Product data (9397 750 09575); ECN 853-2379 28891 of 10 September 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com