| Electronic Components Datasheet Search |
|
SC16C752 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C752 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 47 page ![]() Philips Semiconductors SC16C752 Dual UART with 64-byte FIFO Product data Rev. 04 — 20 June 2003 8 of 47 9397 750 11635 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. 6.2.1 Auto-RTS Auto-RTS data flow control originates in the receiver block (see Figure 1 “Block diagram.” on page 3). Figure 4 shows RTS functional timing. The receiver FIFO trigger levels used in Auto-RTS are stored in the TCR. RTS is active if the RX FIFO level is below the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger level is reached, RTS is deasserted. The sending device (e.g., another UART) may send an additional byte after the trigger level is reached (assuming the sending UART has another byte to send) because it may not recognize the deassertion of RTS until it has begun sending the additional byte. RTS is automatically reasserted once the receiver FIFO reaches the resume trigger level programmed via TCR[7:4]. This reassertion allows the sending device to resume transmission. 6.2.2 Auto-CTS The transmitter circuitry checks CTS before sending the next data byte. When CTS is active, the transmitter sends the next byte. To stop the transmitter from sending the following byte, CTS must be deasserted before the middle of the last stop bit that is currently being sent. The auto-CTS function reduces interrupts to the host system. When flow control is enabled, CTS level changes do not trigger host interrupts because the device automatically controls its own transmitter. Without auto-CTS, the transmitter sends any data present in the transmit FIFO and a receiver overrun error may result. (1) N = receiver FIFO trigger level. (2) The two blocks in dashed lines cover the case where an additional byte is sent, as described in Section 6.2.1. Fig 4. RTS functional timing. START BYTE N START BYTE N + 1 START STOP STOP RX RTS IOR N N+1 12 002aaa226 (1) When CTS is LOW, the transmitter keeps sending serial data out. (2) When CTS goes HIGH before the middle of the last stop bit of the current byte, the transmitter finishes sending the current byte, but is does not send the next byte. (3) When CTS goes from HIGH to LOW, the transmitter begins sending data again. Fig 5. CTS functional timing. START BYTE 0-7 STOP TX CTS 002aaa227 START BYTE 0-7 STOP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |