| Electronic Components Datasheet Search |
|
SC16C752 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C752 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 47 page ![]() Philips Semiconductors SC16C752 Dual UART with 64-byte FIFO Product data Rev. 04 — 20 June 2003 7 of 47 9397 750 11635 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. The SC16C752 has selectable hardware flow control and software flow control. Hardware flow control significantly reduces software overhead and increases system efficiency by automatically controlling serial data flow using the RTS output and CTS input signals. Software flow control automatically controls data flow by using programmable Xon/Xoff characters. The UART includes a programmable baud rate generator that can divide the timing reference clock input by a divisor between 1 and (216 − 1). 6.1 Trigger levels The SC16C752 provides independent selectable and programmable trigger levels for both receiver and transmitter DMA and interrupt generation. After reset, both transmitter and receiver FIFOs are disabled and so, in effect, the trigger level is the default value of one byte. The selectable trigger levels are available via the FCR. The programmable trigger levels are available via the TLR. 6.2 Hardware flow control Hardware flow control is comprised of Auto-CTS and Auto-RTS. Auto-CTS and Auto-RTS can be enabled/disabled independently by programming EFR[7:6]. With Auto-CTS, CTS must be active before the UART can transmit data. Auto-RTS only activates the RTS output when there is enough room in the FIFO to receive data and de-activates the RTS output when the RX FIFO is sufficiently full. The halt and resume trigger levels in the TCR determine the levels at which RTS is activated/deactivated. If both Auto-CTS and Auto-RTS are enabled, when RTS is connected to CTS, data transmission does not occur unless the receiver FIFO has empty space. Thus, overrun errors are eliminated during hardware flow control. If not enabled, overrun errors occur if the transmit data rate exceeds the receive FIFO servicing latency. Fig 3. Autoflow control (Auto-RTS and Auto-CTS) example. RX FIFO SERIAL-TO- PARALLEL FLOW CONTROL TX FIFO PARALLEL- TO-SERIAL FLOW CONTROL PARALLEL- TO-SERIAL FLOW CONTROL SERIAL-TO- PARALLEL FLOW TX FIFO RX FIFO UART 1 UART 2 D7-D0 RX TX RTS CTS TX RX CTS RTS D7-D0 CONTROL 002aaa228 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |