Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8928J Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8928J
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928J Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8928J Datasheet HTML 9Page - NXP Semiconductors TDA8928J Datasheet HTML 10Page - NXP Semiconductors TDA8928J Datasheet HTML 11Page - NXP Semiconductors TDA8928J Datasheet HTML 12Page - NXP Semiconductors TDA8928J Datasheet HTML 13Page - NXP Semiconductors TDA8928J Datasheet HTML 14Page - NXP Semiconductors TDA8928J Datasheet HTML 15Page - NXP Semiconductors TDA8928J Datasheet HTML 16Page - NXP Semiconductors TDA8928J Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
mgx380
C24
1
µF
C25
1
µF
C10
220 nF
C8
C9
220 nF
22
µF
(100 V)
R26
0
Ω
220 nF
C34
220 nF
C32
470 nF
C12
15 nF
LS1
8
Ω
LS2
8
Ω
R22
22
Ω
C28
100 nF
C27
22
µF (100 V)
R19
5.6
Ω
C28
560 pF
C29
560 pF
C30
560 pF
C31
560 pF
VSSP
R30
39 k
Ω
L3
33
µH
L4
33
µH
U1
TDA8928J
R31
39 k
Ω
1
7
6
9
12
11
513
810
2
15
3
4
14
16
17
V
SSP
VDDP
VDDP
VDDP
VDDP
C35
220 nF
C33
470 nF
C13
15 nF
R23
22
Ω
R21
5.6
Ω
C11
220 nF
C38
100 nF
S1
power-ON
C37
220 pF
STAB (U1,9)
STAB (U1,9)
DZ2
3.3 V
DZ1
36 V
R24
R16
1 k
Ω
R10
0
Ω
C17
C15
100 nF
22
µF
(100 V)
C14
22
µF (100 V)
C16
100 nF
R28
0
Ω
R29
0
Ω
R4
1 k
Ω
R35
R34
3.9 k
Ω
R2
10 k
Ω
150
Ω
R8
3.9 k
Ω
R6
220 k
Ω
C22
2.2 nF
C42
2.2 nF
R32
100
Ω
C39
2.2 nF
C41
47 nF
R7
3.9 k
Ω
C40
47 nF
In1
In2
C21
2.2 nF
R13
15 k
Ω
R9
1 k
Ω
R33
3.9
k
Ω
R1
10 k
Ω
R14
15 k
Ω
R25
2 k
Ω
R15
10 k
Ω
R17
5.6 k
Ω
R12
2 k
Ω
R11
2 k
Ω
Q2
BC856
Q1
BC848
0
Ω
C6
470
µF
(35 V)
VSSP
VSSP
C7
470
µF
(35 V)
C5
VDD1
VDD2
VSS1
VSS2
VSSP
VSSP
VDDP
VDDP
VDDP
U2A
LM393
1
2
8
4
3
U2B
LM393
7
5
6
VSSP
VSSP
VSSP
J1
21
J3
2
1
J2
21
SW1
OUT1
BOOT1
STAB
BOOT2
OUT2
REL1
POWERUP
DIAG
EN1
EN2
REL2
SW2
R5
220 k
Ω
R3
1 k
Ω
C20
2.2 nF
C19
2.2 nF
C1
100 nF
+14.5 V
−14.5 V
CON1
supply
1
2
3
C2
100 nF
C3
470
µF
(35 V)
L1
bead
bead
L2
VDDP
VSSP
C4
470
µF
(35 V)
Fig.5 Single-ended self oscillating class-D system application diagram for TDA8928J.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com