Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8928J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8928J
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928J Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8928J Datasheet HTML 1Page - NXP Semiconductors TDA8928J Datasheet HTML 2Page - NXP Semiconductors TDA8928J Datasheet HTML 3Page - NXP Semiconductors TDA8928J Datasheet HTML 4Page - NXP Semiconductors TDA8928J Datasheet HTML 5Page - NXP Semiconductors TDA8928J Datasheet HTML 6Page - NXP Semiconductors TDA8928J Datasheet HTML 7Page - NXP Semiconductors TDA8928J Datasheet HTML 8Page - NXP Semiconductors TDA8928J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2004 May 05
2
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Power stage
8.2
Protection
8.2.1
Maximum temperature
8.2.2
Maximum current
9
LIMITING VALUES
10
THERMAL CHARACTERISTICS
11
QUALITY SPECIFICATION
12
DC CHARACTERISTICS
13
AC CHARACTERISTICS
14
SWITCHING CHARACTERISTICS
15
TEST AND APPLICATION INFORMATION
15.1
SE application
15.2
Package ground connection
15.3
Output power
15.4
Reference design
15.4.1
Printed-circuit board
15.4.2
Bill of materials
15.5
Curves measured in reference design
16
PACKAGE OUTLINE
17
SOLDERING
17.1
Introduction to soldering through-hole mount
packages
17.2
Soldering by dipping or by solder wave
17.3
Manual soldering
17.4
Suitability of through-hole mount IC packages
for dipping and wave soldering methods
18
DATA SHEET STATUS
19
DEFINITIONS
20
DISCLAIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com