Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8928J Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8928J
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928J Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8928J Datasheet HTML 15Page - NXP Semiconductors TDA8928J Datasheet HTML 16Page - NXP Semiconductors TDA8928J Datasheet HTML 17Page - NXP Semiconductors TDA8928J Datasheet HTML 18Page - NXP Semiconductors TDA8928J Datasheet HTML 19Page - NXP Semiconductors TDA8928J Datasheet HTML 20Page - NXP Semiconductors TDA8928J Datasheet HTML 21Page - NXP Semiconductors TDA8928J Datasheet HTML 22Page - NXP Semiconductors TDA8928J Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
2004 May 05
21
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
17 SOLDERING
17.1
Introduction to soldering through-hole mount
packages
This text gives a brief insight to wave, dip and manual
soldering. A more in-depth account of soldering ICs can be
found in our
“Data Handbook IC26; Integrated Circuit
Packages” (document order number 9398 652 90011).
Wave soldering is the preferred method for mounting of
through-hole mount IC packages on a printed-circuit
board.
17.2
Soldering by dipping or by solder wave
Driven by legislation and environmental forces the
worldwide use of lead-free solder pastes is increasing.
Typical dwell time of the leads in the wave ranges from
3 to 4 seconds at 250
°C or 265 °C, depending on solder
material applied, SnPb or Pb-free respectively.
The total contact time of successive solder waves must not
exceed 5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg(max)). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
17.3
Manual soldering
Apply the soldering iron (24 V or less) to the lead(s) of the
package, either below the seating plane or not more than
2 mm above it. If the temperature of the soldering iron bit
is less than 300
°C it may remain in contact for up to
10 seconds. If the bit temperature is between
300 and 400
°C, contact may be up to 5 seconds.
17.4
Suitability of through-hole mount IC packages for dipping and wave soldering methods
Notes
1. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
2. For PMFP packages hot bar soldering or manual soldering is suitable.
PACKAGE
SOLDERING METHOD
DIPPING
WAVE
CPGA, HCPGA
−
suitable
DBS, DIP, HDIP, RDBS, SDIP, SIL
suitable
suitable(1)
PMFP(2)
−
not suitable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com