Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4095CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL4095CS Datasheet HTML 8Page - Intersil Corporation EL4095CS Datasheet HTML 9Page - Intersil Corporation EL4095CS Datasheet HTML 10Page - Intersil Corporation EL4095CS Datasheet HTML 11Page - Intersil Corporation EL4095CS Datasheet HTML 12Page - Intersil Corporation EL4095CS Datasheet HTML 13Page - Intersil Corporation EL4095CS Datasheet HTML 14Page - Intersil Corporation EL4095CS Datasheet HTML 15Page - Intersil Corporation EL4095CS Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
100% Accuracies
When a channel gain is set to 100%, static and gain errors
are similar to those of a simple CFA. The DC output error is
expressed by
VOUT, Offset = VOS* AV + (IB-)*RF.
The input offset voltage scales with fed-back gain, but the
bias current into the negative input, IB-, adds an error not
dependent on gain. Generally, IB- dominates up to gains of
about seven.
The fractional gain error is given by
EGAIN = (RF + AV*RIN -) RF + AV RIN)/ROL
The gain error is about 0.3% for a gain of one, and increases
only slowly for increasing gain. RIN- is the input impedance
of the input stage buffer, and ROL is the transimpedance of
the amplifier, 80k
Ω and 350kΩ respectively.
Gain Control Inputs
The gain control inputs are differential and may be biased at
any voltage as long as VGAIN is less than 2.5V below V+ and
3V above V-. The differential input impedance is 5.5k
Ω, and
a common-mode impedance is more than 500k
Ω. With zero
differential voltage on the gain inputs, both signal inputs
have a 50% gain factor. Nominal calibration sets the 100%
gain of VINA input at +0.5V of gain control voltage, and 0% at
-0.5V of gain control. VINB’s gain is complementary to that of
VINA; +0.5V of gain control sets 0% gain at VINB and
-0.5V gain control sets 100% VINB gain. The gain control
does not have a completely abrupt transition at the 0% and
100% points. There is about 10mV of “soft” transfer at the
gain endpoints. To obtain the most accurate 100% gain
factor or best attenuation of 0% gain, it is necessary to
overdrive the gain control input by about 30mV. This would
set the gain control voltage range as -0.565mV to +0.565V,
or 30mV beyond the maximum guaranteed 0% to 100%
range.
In fact, the gain control internal circuitry is very complex.
Here is a representation of the terminals:
For gain control inputs between ±0.5V (±90µA), the diode
bridge is a low impedance and all of the current into VG flows
back out through VG. When gain control inputs exceed this
amount, the bridge becomes a high impedance as some of
the diodes shut off, and the VG impedance rises sharply
from the nominal 5.5k
Ω to over 500kΩ. This is the condition
of gain control overdrive. The actual circuit produces a much
sharper overdrive characteristics than does the simple diode
bridge of this representation.
The gain input has a 20MHz -3dB bandwidth and 17ns
risetime for inputs to ±0.45V. When the gain control voltage
exceeds the 0% or 100% values, a 70ns overdrive recovery
transient will occur when it is brought back to linear range. If
quicker gain overdrive response is required, the Force
control inputs of the EL4095 can be used.
Force Inputs
The Force inputs completely override the VGAIN setting and
establish maximum attainable 0% and 100% gains for the
two input channels. They are activated by a TTL logic low on
either of the FORCE pins, and perform the analog switching
very quickly and cleanly. FORCEA causes 100% gain on the
A channel and 0% on the B channel. FORCEB does the
reverse, but there is no defined output state when FORCEA
and FORCEB are simultaneously asserted.
The Force inputs do not incur recovery time penalties, and
make ideal multiplexing controls. A typical use would be text
overlay, where the A channel is a video input and the B
channel is digitally created text data. The FORCEA input is
set low normally to pass the video signal, but released to
display overlay data. The gain control can be used to set the
intensity of the digital overlay.
Other Applications Circuits
The EL4095 can also be used as a variable-gain single input
amplifier. If a 0% lower gain extreme is required, one
channel’s input should simply be grounded. Feedback
resistors must be connected to both -VIN terminals; the
EL4095 will not give the expected gain range when a
channel is left unconnected.
This circuit gives +0.5 to +2.0 gain range, and is useful as a
signal leveller, where a constant output level is regulated
from a range of input amplitudes:
FIGURE 2. REPRESENTATION OF GAIN CONTROL
INPUTS VG AND VG
EL4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com