Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4095CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL4095CS Datasheet HTML 1Page - Intersil Corporation EL4095CS Datasheet HTML 2Page - Intersil Corporation EL4095CS Datasheet HTML 3Page - Intersil Corporation EL4095CS Datasheet HTML 4Page - Intersil Corporation EL4095CS Datasheet HTML 5Page - Intersil Corporation EL4095CS Datasheet HTML 6Page - Intersil Corporation EL4095CS Datasheet HTML 7Page - Intersil Corporation EL4095CS Datasheet HTML 8Page - Intersil Corporation EL4095CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN7161
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL4095
Video Gain Control/Fader/Multiplexer
The EL4095 is a versatile variable-gain
building block. At its core is a fader
which can variably blend two inputs
together and an output amplifier that can drive heavy loads.
Each input appears as the input of a current-feedback
amplifier and with external resistors can separately provide
any gain desired. The output is defined as:
VOUT = A*VINA (0. 5V + VGAIN) + B*VINB (0.5V–VGAIN),
where A and B are the fed-back gains of each channel.
Additionally, two logic inputs are provided which each
override the analog VGAIN control and force 100% gain for
one input and 0% for the other. The logic inputs switch in
only 25ns and provide high attenuation to the off channel,
while generating very small glitches.
Signal bandwidth is 60MHz, and gain-control bandwidth
20MHz. The gain control recovers from overdrive in only
70ns.
The EL4095 operates from ±5V to ±15V power supplies, and
is available in both 14-pin DIP and narrow surface mount
packages.
Pinout
Features
• Full function video fader
• 0.02%/0.02° differential gain/phase @ 100% gain
• 25ns multiplexer included
• Output amplifier included
• Calibrated linear gain control
• ±5V to ±15V operation
• 60MHz bandwidth
• Low thermal errors
Applications
• Video faders/wipers
• Gain control
• Graphics overlay
• Video text insertion
•Level adjust
• Modulation
Manufactured under U.S. Patent No. 5,321,371, 5,374,898
EL4095
(14-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL4095CN
-40°C to +85°C
14-Pin PDIP
MDP0031
EL4095CS
-40°C to +85°C
14-Pin SO
MDP0027
Data Sheet
August 1996, Rev D
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/t
sc


Similar Part No. - EL4095CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4095CS ELANTEC-EL4095CS Datasheet
457Kb / 24P
Video Gain Control/Fader/Multiplexer
More results

Similar Description - EL4095CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
Sound fader control circuit
May 1990
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
Sound fader control circuit
1995 Dec 19
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
Video Gain Control/Fader/Multiplexer
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
Video Fader
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
Video Gain Control/Fader
August 1996
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
Video Fader
January 1995
logo
Linear Technology
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com