Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4095CS Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095CS Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL4095CS Datasheet HTML 9Page - Intersil Corporation EL4095CS Datasheet HTML 10Page - Intersil Corporation EL4095CS Datasheet HTML 11Page - Intersil Corporation EL4095CS Datasheet HTML 12Page - Intersil Corporation EL4095CS Datasheet HTML 13Page - Intersil Corporation EL4095CS Datasheet HTML 14Page - Intersil Corporation EL4095CS Datasheet HTML 15Page - Intersil Corporation EL4095CS Datasheet HTML 16Page - Intersil Corporation EL4095CS Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Here the A input channel is configured for a gain of +2 and
the B channel for a gain of +1 with its input attenuated by
1/2. The connection is virtuous because the distortions do
not increase monotonically with reducing gain as would the
simple single-input connection.
For video levels, however, these constants can give fairly
high differential gain error. The problem occurs for large
inputs. Assume that a “twice-size” video input occurs. The A-
side stage sees the full amplitude, but the gain would be set
to 100% B-input gain to yield an overall gain of 1/2 to
produce a standard video output. The -VIN of the A side is a
buffer output that reproduces the input signal, and drives
RGA and RFA. Into the two resistors 2.1mA of error current
flows for a typical 1.4V of input DC offset, creating distortion
in a A-side input stage. RGA and RFA could be increased
together in value to reduce the error current and distortions,
but increasing RFA would lower bandwidth. A solution would
be to simply attenuate the input signal magnitude and
restore the EL4095 output level to standard level with
another amplifier so:
FIGURE 3. LEVELING CIRCUIT WITH 0.5
≤ AV ≤ 2
EL4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com