Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95310 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL95310
Description  Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95310 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL95310 Datasheet HTML 1Page - Intersil Corporation ISL95310 Datasheet HTML 2Page - Intersil Corporation ISL95310 Datasheet HTML 3Page - Intersil Corporation ISL95310 Datasheet HTML 4Page - Intersil Corporation ISL95310 Datasheet HTML 5Page - Intersil Corporation ISL95310 Datasheet HTML 6Page - Intersil Corporation ISL95310 Datasheet HTML 7Page - Intersil Corporation ISL95310 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN8083.0
May 6, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D
with respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3V
Voltage on V+ (referenced to GND) . . . . . . . . . . . . . . . . . . . . +13.2V
ΔV = |V
(RH)-V(RL)| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .V+
RH, RL, RW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .V+
Lead temperature (soldering 10s) . . . . . . . . . . . . . . . . . . . . . +300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Power rating of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . .20mW
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . -40°C to +85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0V to 13.2V
Wiper current of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Analog Specifications Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
RTOTAL
RH to RL resistance
W option
10
k
Ω
U option
50
k
Ω
RH to RL resistance tolerance
-20
+20
%
VRH
RH terminal voltage
VRL = 0V
0
V+
V
RW
Wiper resistance
V+ = 12V, wiper current = V+ / RTOTAL
70
200
Ω
CH/CL/CW
Potentiometer Capacitance (Note 13)
10/10/
25
pF
ILkgDCP
Leakage on DCP pins
Voltage at pin from GND to V+
0.1
1
µA
VOLTAGE DIVIDER MODE (0V @ RL; V+ @ RH; measured at RW, unloaded)
INL
(Note 6)
Integral non-linearity
-1
1
LSB
(Note 2)
DNL
(Note 5)
Differential non-linearity
W option
-0.75
0.75
LSB
(Note 2)
U option
-0.5
0.5
ZSerror
(Note 3)
Zero-scale error
U option
0
1
7
LSB
(Note 2)
W option
0
0.5
2
FSerror
(Note 4)
Full-scale error
U option
-7
-1
0
LSB
(Note 2)
W option
-2
-1
0
TCV (Note 7) Ratiometric Temperature Coefficient
DCP register set to 40 hex
±4
ppm/°C
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 11)
Integral non-linearity
DCP register set between 20 hex and 7F hex;
monotonic over all tap positions
-1
1
MI
(Note 8)
RDNL
(Note 10)
Differential non-linearity
W option
-0.75
0.75
MI
(Note 8)
U option
-0.5
0.5
Roffset
(Note 9)
Offset
DCP Register set to 00 hex, W option
0
1
7
MI
(Note 8)
DCP Register set to 00 hex, U option
0
0.5
2
MI
(Note 8)
TCR
(Note 12)
Resistance Temperature Coefficient
DCP register set between 20 hex and 7F hex
±45
ppm/°C
ISL95310



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com