Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95310 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95310
Description  Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95310 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95310 Datasheet HTML 1Page - Intersil Corporation ISL95310 Datasheet HTML 2Page - Intersil Corporation ISL95310 Datasheet HTML 3Page - Intersil Corporation ISL95310 Datasheet HTML 4Page - Intersil Corporation ISL95310 Datasheet HTML 5Page - Intersil Corporation ISL95310 Datasheet HTML 6Page - Intersil Corporation ISL95310 Datasheet HTML 7Page - Intersil Corporation ISL95310 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
ISL95310
Digitally Controlled Potentiometer (XDCP™)
Terminal Voltage 0V to 13.2V, 128 Taps
Up/Down Interface
The Intersil ISL95310 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by an Up/Down interface.
The potentiometer is implemented by a resistor array
composed of 127 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The wiper of each
potentiometer has an associated volatile Wiper Counter
Register (WR) and a non-volatile Initial Value Register (IVR)
that can be directly written to and read by the user. The
contents of the WR controls the position of the wiper on the
resistor array through the switches. At power-up, the device
recalls the contents of the default data registers to the
corresponding WR. The position of the wiper element is
controlled by the CS, U/D, and INC inputs. The position of
the wiper can be stored in nonvolatile memory and then be
recalled upon a subsequent power-up operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• LCD contrast control
• Parameter and bias adjustments
• Mechanical potentiometer replacement
• Industrial and automotive control
Features
• Non-volatile solid-state potentiometer
• Up/down interface with chip select enable
• DCP terminal voltage, 0 to +13.2V
• 128 wiper tap points - 0.8% resolution
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 127 resistive elements
- Temperature compensated
- Low wiper resistance 70
Ω typical @ 3.3V
• Low power CMOS
- Standby current, 2µA at VCC = +3.6V
• High reliability
- Endurance, 200,000 data changes per bit
- Register data retention 50 years @ T
≤ 75°C
•RTOTAL values = 10kΩ, 50kΩ
• 10-lead MSOP package
- Pb-free plus anneal available (RoHS compliant)
Pinout
ISL95310
(10 LD MSOP)
TOP VIEW
Ordering Information
PART NUMBER
RESISTANCE
OPTION
(
Ω)
TEMP
RANGE
(°C)
PACKAGE
ISL95310WIU10Z
(See Note)
10K
-40 to +85
10 Ld MSOP
(Pb-Free)
ISL95310UIU10Z
(See Note)
50K
-40 to +85
10 Ld MSOP
(Pb-Free)
Add “-TK” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-
free material sets; molding compounds/die attach materials and
100% matte tin plate termination finish, which are RoHS compliant
and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VCC
INC
U/D
GND
1
2
3
4
10
9
8
7
RH
RW
NC
V+
5
RL
6
CS
Datasheet
May 6, 2005
FN8083.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL95310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95310 INTERSIL-ISL95310 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
ISL95310UIU10Z RENESAS-ISL95310UIU10Z Datasheet
474Kb / 9P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
ISL95310WIU10Z RENESAS-ISL95310WIU10Z Datasheet
474Kb / 9P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
More results

Similar Description - ISL95310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
August 17, 2005
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
August 15, 2005
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
August 22, 2005
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
August 16, 2005
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
February 6, 2008
logo
Renesas Technology Corp
ISL23710 RENESAS-ISL23710 Datasheet
428Kb / 8P
Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps Up/Down Interface
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com