Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95310 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL95310
Description  Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95310 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL95310 Datasheet HTML 1Page - Intersil Corporation ISL95310 Datasheet HTML 2Page - Intersil Corporation ISL95310 Datasheet HTML 3Page - Intersil Corporation ISL95310 Datasheet HTML 4Page - Intersil Corporation ISL95310 Datasheet HTML 5Page - Intersil Corporation ISL95310 Datasheet HTML 6Page - Intersil Corporation ISL95310 Datasheet HTML 7Page - Intersil Corporation ISL95310 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN8083.0
May 6, 2005
Symbol Table
tCPHS
CS deselect time (STORE)
20
ms
tCPHNS (Note 13)
CS deselect time (NO STORE)
1
µs
tIW (Note 13)
INC to RW change
100
500
µs
tCYC
INC cycle time
4
µs
tR, tF (Note 13)
INC input rise and fall time
500
µs
NOTES:
1. Typical values are for TA = 25°C and 3.3V supply voltage.
2. LSB: [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
3. ZS error = V(RW)0/LSB.
4. FS error = [V(RW)127 – V+]/LSB.
5. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 127. i is the DCP register setting.
6. INL = V(RW)i – (i • LSB – V(RW)0) for i = 1 to 127.
7.
for i = 16 to 120 decimal, T = -40°C to 85°C. Max( ) is the maximum value of the wiper voltage and Min ( ) is the minimum value of the wiper
voltage over the temperature range.
8. MI =
|R127 – R0| /127. R127 and R0 are the measured resistances for the DCP register set to 7F hex and 00 hex respectively.
9. Roffset = R0/MI, when measuring between RW and RL.
Roffset = R127/MI, when measuring between RW and RH.
10. RDNL = (Ri – Ri-1)/MI, for i = 16 to 127.
11. RINL = [Ri – (MI • i) – R0]/MI, for i = 16 to 127.
12.
for i = 16 to 127, T = -40°C to 85°C. Max( ) is the maximum value of the resistance and Min ( ) is the minimum value of the resistance over the
temperature range.
13. This parameter is not 100% tested.
14. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, unless Acknowledge Polling is used. It is the time from a
valid STOP condition at the end of a Write sequence of a 3-wire serial interface Write operation, to the end of the self-timed internal non-volatile
write cycle.
AC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated (Continued)
SYMBOL
PARAMETER
MIN
TYP
(Note 4)
MAX
UNIT
TC
V
Max V RW
()
i
() Min V RW
()
i
()
–
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
§
-------------------------------------------------------------------------------------------------x
106
125°C
-----------------
=
TC
R
Max Ri
() Min Ri
()
–
[]
Max Ri
() Min Ri
()
+
[] 2
§
------------------------------------------------------------------
10
6
125°C
-----------------
×
=
WAVEFORM
INPUTS
OUTPUTS
Must be steady
Will be steady
May change from Low to High
Will change from Low to High
Will change from High to Low
Don’t Care: Changes Allowed
Changing: State Not Known
N/A
Center Line is High Impedance
May change from High to Low
ISL95310



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com