Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L3CX Datasheet(PDF) 14 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 10Page - STMicroelectronics VL53L3CX Datasheet HTML 11Page - STMicroelectronics VL53L3CX Datasheet HTML 12Page - STMicroelectronics VL53L3CX Datasheet HTML 13Page - STMicroelectronics VL53L3CX Datasheet HTML 14Page - STMicroelectronics VL53L3CX Datasheet HTML 15Page - STMicroelectronics VL53L3CX Datasheet HTML 16Page - STMicroelectronics VL53L3CX Datasheet HTML 17Page - STMicroelectronics VL53L3CX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Table 6. I2C interface - timing characteristics for Fast mode (400 kHz)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
—
400
kHz
tLOW
Clock pulse width low
1.3
—
µs
tHIGH
Clock pulse width high
0.6
—
tSP
Pulse width of spikes which are suppressed by the input filter
—
50
ns
tBUF
Bus free time between transmissions
1.3
—
µs
tHD.STA
Start hold time
0.26
—
tSU.STA
Start setup time
0.26
—
tHD.DAT
Data in hold time
0
0.9
tSU.DAT
Data in setup time
50
—
ns
tR
SCL/SDA rise time
—
300
tF
SCL/SDA fall time
—
300
tSU.STO
Stop setup time
0.6
—
µs
Ci/o
Input/output capacitance (SDA)
—
10
pF
Cin
Input capacitance (SCL)
—
4
CL
Load capacitance
—
125
400
Figure 15. I2C timing characteristics
IL or VIH.
SDA
SCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start
VIH
VIL
VIH
VIL
VL53L3CX
I2C interface - timing characteristics
DS13204 - Rev 2
page 14/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com