Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L3CX Datasheet(PDF) 15 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 11Page - STMicroelectronics VL53L3CX Datasheet HTML 12Page - STMicroelectronics VL53L3CX Datasheet HTML 13Page - STMicroelectronics VL53L3CX Datasheet HTML 14Page - STMicroelectronics VL53L3CX Datasheet HTML 15Page - STMicroelectronics VL53L3CX Datasheet HTML 16Page - STMicroelectronics VL53L3CX Datasheet HTML 17Page - STMicroelectronics VL53L3CX Datasheet HTML 18Page - STMicroelectronics VL53L3CX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
3.2
I2C interface - reference registers
The registers shown in the table below can be used to validate the user I2C interface.
Table 7. Reference registers
Register name
Index
Value
Model_ID
0x010F
0xEA
Module_Type
0x0110
0xAA
Note:
The I2C read/writes can be 8,16 or 32-bit. Multi-byte reads/writes are always addressed in ascending order with
MSB first as shown in the table below. The customer must use the device software driver for easy and efficient
ranging operations to match performance and accuracy criteria. Hence full register details are not exposed. The
customer should refer to the device user manual.
Table 8. 32-bit register example
Register address
Byte
Address
MSB
Address + 1
..
Address + 2
..
Address + 3
LSB
VL53L3CX
I2C interface - reference registers
DS13204 - Rev 2
page 15/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com