Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L3CX Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL53L3CX
Description  Time-of-Flight ranging sensor with multi target detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L3CX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL53L3CX Datasheet HTML 15Page - STMicroelectronics VL53L3CX Datasheet HTML 16Page - STMicroelectronics VL53L3CX Datasheet HTML 17Page - STMicroelectronics VL53L3CX Datasheet HTML 18Page - STMicroelectronics VL53L3CX Datasheet HTML 19Page - STMicroelectronics VL53L3CX Datasheet HTML 20Page - STMicroelectronics VL53L3CX Datasheet HTML 21Page - STMicroelectronics VL53L3CX Datasheet HTML 22Page - STMicroelectronics VL53L3CX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
5.4
Ranging accuracy
Ranging accuracy is defined as follows:
RangingAccuracy=RangeMilliMeter−TargetDistance
TargetDistance ×100
The ranging accuracy is a direct evaluation of the measurement, including offset errors and output noise.
At least 94 % of the ranging values are within the declared ranges. This quality indicator includes measure-to-
measure and part-to-part dispersion.
Table 14. Ranging accuracy with 30 ms timing budget
Target reflectance level, full FoV
Distance (mm)
Indoor (no infrared)
Outdoor overcast
White target (88 %)
25-90
±10 mm
±10 mm
90-110
±5 %
±9 %
>110
±2.5 %
±7 %
Light gray target (54.5 %)
25-90
±9 mm
±9 mm
90-110
±5 %
±7 %
>110
±3 %
±8 %
Gray target (17 %)
25-90
±7 mm
±7 mm
90-110
±5 %
±8 %
>110
±5 %
±10 %
Measurement conditions:
•
Offset correction made at 10 cm from sensor
•
Indoor: no infrared
•
Outdoor: eq. 5 kLux equivalent sunlight (10 kcps/SPAD)
•
Nominal voltage (2v8) and temperature (23 °C)
•
All distances are for a complete FoV covered
•
Measurement is made on typical device bare modules
5.5
Ranging drift with temperature
When the temperature increases, the ranging value is affected by an offset of 1.3 mm per degree Celsius change.
This value is an offset and not a gain, and it does not depend on the target distance.
The VL53L3CX device embeds a feature that allows the temperature variation effect to be compensated, while
ranging.
When the ranging is started, the self-calibration is performed once and this allows to remove the ranging drift.
In order to get the best accuracy performances, it is recommended to perform a self-calibration when temperature
varies. This operation is realized calling in sequence the functions “stop” and “start”.
VL53L3CX
Ranging accuracy
DS13204 - Rev 2
page 19/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com