Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX68004LF Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX68004LF
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 16Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 17Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 18Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 21Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 22Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 23Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
20
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
Table 1-10: Timers Pin Description
Timers Interface
Pin Name
Type
Pin No
Pin Description
64
100
TM[2:0]_CK I5
-
46, 16,
9
TiMer 2, 1, 0 external Clock input
(8).
TM[2:0]_GT I5
-
43, 18,
14
TiMer 2, 1, 0 external GaTe control input
(8).
Note 8: To enable these multi-function pins, please set MP1_10/32/54_PSEL = 1 in HWCFG offset 0x001.
Table 1-11: CPU Debugger Pin Description
CPU Debugger Interface
Pin Name
Type
Pin No
Pin Description
64
100
DB_DI
I5/PU
36
57
CPU DeBugger Data Input (9).
DB_CKO
O5/4m
20
33
CPU DeBugger Clock Output (9).
DB_DO
O5/4m
19
31
CPU DeBugger Data Output (9).
Note 9: To enable these multi-function pins, please set MP2_31_PSEL = 1 in HWCFG offset 0x002.
Table 1-12: High Speed UART 1 Pin Description
High Speed UART 1 Interface
Pin Name
Type
Pin No
Pin Description
64
100
RXD1
I5
9
12
UART 1 serial Receive Data (10).
TXD1
O5/4m
10
15
UART 1 serial Transmit Data (10).
CTS1
I5
17
28
UART 1 Clear To Send (11).
DSR1
I5
16
25
UART 1 Data Set Ready (11).
RI1
I5
15
23
UART 1 Ring Indicator (11).
DCD1
I5
14
22
UART 1 Data Carrier Detect (11).
RTS1/DE1
O5/4m
11
17
UART 1 Request To Send/ Driver output Enable (12) (13).
DTR1/RE1
O5/4m
13
20
UART 1 Data Terminal Ready/Receiver output Enable (12) (13).
Note 10: To enable these multi-function pins, please set MP0_10_PSEL = 1 in HWCFG offset 0x001.
Note 11: To enable these multi-function pins, please set MP2_54/76_PSEL = 1 in HWCFG offset 0x002.
Note 12: To enable these multi-function pins, please set MP0_32_PSEL = 1 in HWCFG offset 0x001.
Note 13: To decide use RTS1/DTR1 or DE1/RE1_n please refer high speed UART register description as below
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com