Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8132QR Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8132QR
Description  2.488Gb/s 1:32 SONET/SDH Demux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8132QR Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8132QR Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8132
2.488Gb/s 1:32 SONET/SDH Demux
Page 4
G52250-0, Rev 3.1
12/7/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Decoupling of the power supplies is a critical element in maintaining the proper operation of the part. It is
recommended that the VCC power supply be decoupled using a 0.1µF and 0.01µF capacitor placed in parallel
on each VCC power supply pin as close to the package as possible. If room permits, a 0.001µF capacitor should
also be placed in parallel with the 0.1
µF and 0.01µF capacitors mentioned above. Recommended capacitors are
low-inductance ceramic SMT X7R devices. For the 0.1
µF capacitor, a 0603 package should be used. The
0.01
µF and 0.001µF capacitors can be either 0603 or 0402 packages.
For low frequency decoupling, 47
µF tantalum, low-inductance SMT caps should be sprinkled over the
board’s main +3.3V power supply and placed close to the C-L-C pi filter.
If the device is being used in an ECL environment with a -3.3V supply, all references to decoupling VCC
must be changed to VEE, and all references to decoupling 3.3V must be changed to -3.3V.
AC Characteristics
Figure 2: Output Timing
Figure 3: Data Output Timing
78MHz CLK
78MHz DATA
SYNC PULSE
PARITY
tPD1
tPD2
D31
D0
MSB
LSB
Time
DI+
Differential Serial Data Input
CLKI+
Differential Clock Input
NOTE: Bit 31 (MSB) is received first, Bit 0 (LSB) is received last.
tSERSU
tSERHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com