Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8132QR Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC8132QR
Description  2.488Gb/s 1:32 SONET/SDH Demux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8132QR Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC8132QR Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8132QR Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8132
2.488Gb/s 1:32 SONET/SDH Demux
Page 10
G52250-0, Rev 3.1
12/7/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
69
VEE
-
0V
Ground
70
TH78DT25
O
TTL
Low-Speed Parallel Data
71
TH78DT24
O
TTL
Low-Speed parallel Data
72
VCC
-
+3.3V
Power Supply
73
TH78DT23
O
TTL
Low-Speed Parallel Data
74
TH78DT22
O
TTL
Low-Speed Parallel Data
75
VCC
-
+3.3V
Power Supply
76
TH78DT21
O
TTL
Low-Speed Parallel Data
77
TH78DT20
O
TTL
Low-Speed Parallel Data
78
VEE
-
0V
Ground
79
TH78DT19
O
TTL
Low-Speed Parallel Data
80
TH78DT18
O
TTL
Low-Speed Parallel Data
81
VCC
-
+3.3V
Power Supply
82
TH78DT17
O
TTL
Low-Speed Parallel Data
83
TH78DT16
O
TTL
Low-Speed Parallel Data
84
VCC
-
+3.3V
Power Supply
85
TH78DT15
O
TTL
Low-Speed Parallel Data
86
TH78DT14
O
TTL
Low-Speed Parallel Data
87
VEE
-
0V
Ground
88
TH78DT13
O
TTL
Low-Speed Parallel Data
89
TH78DT12
O
TTL
Low-Speed Parallel Data
90
VCC
-
+3.3V
Power Supply
91
TH78DT11
O
TTL
Low-Speed Parallel Data
92
TH78DT10
O
TTL
Low-Speed Parallel Data
93
VCC
-
+3.3V
Power Supply
94
TH78DT9
O
TTL
Low-Speed Parallel Data
95
TH78DT8
O
TTL
Low-Speed Parallel Data
96
VEE
-
0V
Ground
97
TH78DT7
O
TTL
Low-Speed Parallel Data
98
TH78DT6
O
TTL
Low-Speed Parallel Data
99
VCC
-
+3.3V
Power Supply
100
TH78DT5
O
TTL
Low-Speed Parallel Data
101
TH78DT4
O
TTL
Low-Speed Parallel Data
102
VCC
-
+3.3V
Power Supply
103
VCC
-
+3.3V
Power Supply
104
NC
-
-
No Connect, Leave Unconnected
Pin
Name
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com