Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3073607 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3073607
Description  RW 8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3073607 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3073607 Datasheet HTML 1Page - PHOENIX CONTACT 3073607 Datasheet HTML 2Page - PHOENIX CONTACT 3073607 Datasheet HTML 3Page - PHOENIX CONTACT 3073607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RW 8 Order No.: 3073607
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3073607
PHOENIX CONTACT Inc., USA
Page 3 / 4
http://www.phoenixcon.com
May 9, 2011
Accessories
Item
Designation
Description
General
3075171
RW 8-F
Flange cover, Color: gray
0820222
ZB 16,3:UNPRINTED
Terminal marking
0820248
ZB 20,3:UNPRINTED
Terminal marking
Marking
0828295
TMT (EX9,5)R
Terminal marking with 9.5 mm strip height, continuous, without
color print, for all terminals with ZB or ZBF groove, can be labeled
using a thermal transfer printer, 1 roll = 50 m
Tools
1205079
SZS 1,0X6,5 VDE
Screwdriver, bladed, VDE insulated, size: 1.0 x 6.5 x 150 mm, 2-
component grip, with non-slip grip
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com