Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3073607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3073607
Description  RW 8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3073607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3073607 Datasheet HTML 1Page - PHOENIX CONTACT 3073607 Datasheet HTML 2Page - PHOENIX CONTACT 3073607 Datasheet HTML 3Page - PHOENIX CONTACT 3073607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
May 9, 2011
Extract from the online
catalog
 
RW 8
Order No.: 3073607
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3073607
 
 
Feed-through terminal block, Connection method: Bolt connection,
Load current : 125 A, Cross-section: 2.5 mm² - 35 mm², AWG 14 - 2,
Connection direction of the conductor to plug-in direction: 0 °,
Width: 20.3 mm, Color: gray
 
Commercial data
GTIN (EAN)
4
046356
368414
sales group
A420
Pack
10 pcs.
Customs tariff
85369010
Catalog page information
Page 56 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
02/07/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 3073607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3073610 PHOENIX-3073610 Datasheet
102Kb / 4P
RW 8/S
3073665 PHOENIX-3073665 Datasheet
80Kb / 5P
Bolt connection terminal block - RW 5-POT
3073678 PHOENIX-3073678 Datasheet
80Kb / 5P
Bolt connection terminal block - RW 5-POT/S
3073681 PHOENIX-3073681 Datasheet
77Kb / 5P
Panel feed-through terminal block - RW 8-POT
3073694 PHOENIX-3073694 Datasheet
77Kb / 5P
Panel feed-through terminal block - RW 8-POT/S
More results

Similar Description - 3073607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RW-175 ETC1-RW-175 Datasheet
69Kb / 1P
RW-175
RW-SH-103D ETC1-RW-SH-103D Datasheet
27Kb / 1P
RW-SH-1xxD sarja
logo
Roithner LaserTechnik G...
ADL-78901TL ROITHNER-ADL-78901TL Datasheet
347Kb / 2P
Virtual keyboard CD R/RW
logo
List of Unclassifed Man...
43148 ETC2-43148 Datasheet
38Kb / 1P
CD-R/RW Media
869-5350 ETC2-869-5350 Datasheet
39Kb / 1P
DVD짹R/RW Media
logo
PHOENIX CONTACT
2987095 PHOENIX-2987095 Datasheet
125Kb / 4P
PLC-RSP21HC/RW
3073597 PHOENIX-3073597 Datasheet
101Kb / 4P
RW 5/S
3073610 PHOENIX-3073610 Datasheet
102Kb / 4P
RW 8/S
3073681 PHOENIX-3073681 Datasheet
77Kb / 5P
Panel feed-through terminal block - RW 8-POT
3073694 PHOENIX-3073694 Datasheet
77Kb / 5P
Panel feed-through terminal block - RW 8-POT/S
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com