Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3073607 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3073607
Description  RW 8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3073607 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3073607 Datasheet HTML 1Page - PHOENIX CONTACT 3073607 Datasheet HTML 2Page - PHOENIX CONTACT 3073607 Datasheet HTML 3Page - PHOENIX CONTACT 3073607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RW 8 Order No.: 3073607
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3073607
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
May 9, 2011
Insulating material
PA
Inflammability class acc. to UL 94
V0
Dimensions
Width
20.3 mm
Technical data
Maximum load current
125 A
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
125 A
Nominal voltage UN
1000 V
Connection data
Conductor cross section solid min.
2.5 mm²
Conductor cross section solid max.
35 mm²
Conductor cross section stranded min.
2.5 mm²
Conductor cross section stranded max.
35 mm²
Conductor cross section AWG/kcmil min.
14
Conductor cross section AWG/kcmil max
2
Connection method
Bolt connection
Screw thread
M8
Tightening torque, min
4.5 Nm
Tightening torque max
5 Nm
Certificates / Approvals
Certification
UL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com