Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBA1302 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBA1302
Description  N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBA1302 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBA1302 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBA1302 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBA1302 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBA1302 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBA1302 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBA1302 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBA1302 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBA1302 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 25 A
0.002
Ω
VGS = 4.5 V, ID = 22 A
0.003
Forward Transconductancea
gfs
VDS = 15 V, ID = 25 A
110
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.72
1.1
V
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 4.5 V, ID = 20 A
6500
pF
Output Capacitance
Coss
930
Reverse Transfer Capacitance
Crss
610
Total Gate Charge
Qg
VDS = 15 V, VGS = 4.5 V, ID = 20 A
45
70
nC
Gate-Source Charge
Qgs
20
Gate-Drain Charge
Qgd
16
Gate Resistance
Rg
f = 1.0 MHz
1.1
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
27
40
ns
Rise Time
tr
21
35
Turn-Off Delay Time
td(off)
107
160
Fall Time
tf
43
65
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, dI/dt = 100 A/µs
45
70
Output Characteristics
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
VGS = 10 V thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
VBA1302
www.VBsemi.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com