Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JETNET5010G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JETNET5010G
Description  Industrial 73G Gigabit Managed Ethernet Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JETNET5010G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JETNET5010G Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 3Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 4Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 5Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 6Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 7Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 8Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.korenix.com
115
MultiRing
TM provides easier connectivity between
two ring networks. The simplest example is to
connect two rings by a single device. Depending
on the number of ports, a device can even
gather multiple rings together. As shown in the
figure, MultiRing
TM technology simply extends
the network topology by linking multiple rings
into a line or into multiple directions. In addition to
extensibility, MultiRing
TM has great diversity of various
ring technologies. With MultiRing
TM enabled, a device
can connect RSR rings, TrunkRing
TM and a ring of
Super Ring together. Which provides extensibility to
new technologies while keeps the great backward
compatibility.
MultiRing
TM
Symmetric TrunkRing
TM
Asymmetric TrunkRing
TM
TrunkRing
TM is a new feature in MSRTM which merges
the two technologies of RSR and link aggregation. It
takes advantage of aggregation to enhance the link
redundancy, while increasing the link speed. The ring
will open only if all the aggregated links are broken.
Link aggregation can be achieved by either, static
trunk or LACP protocol. Not all the link sections in a
TrunkRing
TM need to be the same. Ring links can be
either symmetric or asymmetric. Some are a single
link, and the others are aggregated by links where
the number of links in a trunk group can be different.
Users can enhance the link redundancy at different
locations in accordance to the need. And the link with
less speed is more likely to be used as the backup
path for restoring the network to full play capacity.
TrunkRing
TM
JetNet 5010G
Symmetric TrunkRing
JetNet 5010G
Asymmetric TrunkRing
JetNet 5010G
Simply connect 2 rings by a device
JetNet 5010G
JetNet 4508
SR
RSR
TrunkRing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com