Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JETNET5010G Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JETNET5010G
Description  Industrial 73G Gigabit Managed Ethernet Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JETNET5010G Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  JETNET5010G Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 3Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 4Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 5Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 6Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 7Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 8Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Industrial Ethernet Switch
www.korenix.com
118
Industrial
PoE Switch
IP67/68
Ethernet Switch
Rackmount
Managed
Switch
Gigabit Switch
Redundant
Switch
Entry-Level
Switch
Networking
Computer
Communication
Computer
Ethernet
I/O Server
Serial Device
Server
Media
Converter
Multiport
Serial Card
SFP Module
Din Rail
Power Supply
Korenix JetNet 5010G's outstanding outlook is
rock solid and fashionable with strong functionality.
Using aluminum extrusion case with industrial
quality, IP 31 class of protection, light weight, rigid
shell and excellent thermal conductivity units can
operate under harsh industrial environment reliably.
Robust Mechanism Design
The JetNet 5010G also provides users many
advanced management features. It can be configured
smartly by JetView, Web browser, SNMP, Telnet and
RS-232 console Command Line Interface (CLI).
It provides Failure notification by E-mail, SNMP
Trap, System Log, Digital Input and Fault Relay. The
JetNet 5010G also supports Built-In Watchdog Timer
for system recovering when detecting CPU failure.
Network
JetView, Web,
SNMP, Telnet
RS-232
Easy-to-Configure Network Management Features
With a Built-In Watchdog Timer, the JetNet 5010G
performs a warm boot (restarting the switch)
automatically when the switch system locks up. It
saves the effort of maintenance for keeping network
alive if the switch can recover by itself.
Watchdog Timer
CPU Failure = 6 sec
=> Internal Reset
00:00:06
00:00:00
A Built-in Watchdog Timer
JetView, Easy Management Utility
The JetV iew is a convenient tool to help
administrators to discover the JetNet series Switches.
It supports group IP assignment, group firmware,
upgrade, group configuration backup and restore.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com