Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JETNET5010G Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JETNET5010G
Description  Industrial 73G Gigabit Managed Ethernet Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JETNET5010G Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JETNET5010G Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 3Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 4Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 5Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 6Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 7Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 8Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.korenix.com
117
The JetNet 5010G provides various network control
and security features. The Network Control feature
allows users to optimize their industrial environment.
The supported features include VLAN, IGMP
Snooping, Quality of Service (QoS), Link Aggregation
Control Protocol (LACP), Rate Control. The security
also helps users to avoid hackers’ attack. The
features included are, DHCP Server, IP and MAC
Binding, 802.1x Access Control, SSH, IP Access
Table and Port Security.
Various Network Control and Security Features
Link Aggregation Control Protocol
LACP
Link Aggregation Control Protocol (LACP) allows
you to group multiple Ethernet ports in parallel to
increase the link bandwidth. The aggregated ports
can be considered as one physical port, so that the
bandwidth is higher than just one single Ethernet
port. The member ports of the same trunk group can
balance the loading and backup with each other.
The LACP feature is usually used when you need
higher bandwidth for the backbone network. This is
an inexpensive way for users to transfer much more
data. If the trunk port is also assigned as a ring port, it
will become as a TrunkRing
TM, which means, that the
bandwidth of ring path has increased with port trunk
Port Security is an enhanced security feature
provided by JetNet 5010G. Port Security is also
known as, “Port and MAC Binding”. The users
can bind a specific MAC address to a specific
port, add the MAC and Port binding entry/entries
Port Security
Network
Port 1
PC A
MAC A
PC B
MAC B
PC C
MAC C
PC D
MAC D
Port Security Table
Port
Port 1
VID
1
Mac Address
MAC B
to the port security table. After enabling this,
only the PC with the available MAC address can
access the network through the switch. The other
PCs can’t even pass the traffic through the port.
technology. Now, there is no recovery time when
failures occur. The JetNet 5010G provides a simple
and easy way to aggregate port bandwidth into Rapid
Super Ring.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com