Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129AT Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 33Page - NXP Semiconductors PCF2129AT Datasheet HTML 34Page - NXP Semiconductors PCF2129AT Datasheet HTML 35Page - NXP Semiconductors PCF2129AT Datasheet HTML 36Page - NXP Semiconductors PCF2129AT Datasheet HTML 37Page - NXP Semiconductors PCF2129AT Datasheet HTML 38Page - NXP Semiconductors PCF2129AT Datasheet HTML 39Page - NXP Semiconductors PCF2129AT Datasheet HTML 40Page - NXP Semiconductors PCF2129AT Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
37 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.10.3 Watchdog timer function
The watchdog timer function is enabled or disabled by the WD_CD bit of the register
Watchdg_tim_ctl (see Table 49).
The 2 bits TF[1:0] in register Watchdg_tim_ctl determine one of the four source clock
frequencies for the watchdog timer: 4.096 kHz, 64 Hz, 1 Hz, or 1⁄60 Hz (see Table 52).
When the watchdog timer function is enabled, the 8-bit timer in register Watchdg_tim_val
determines the watchdog timer period (see Table 52).
The watchdog timer counts down from the software programmed 8-bit binary value n in
register Watchdg_tim_val. When the counter reaches 1, the watchdog timer flag WDTF
(register Control_2) is set logic 1 and an interrupt is generated.
The counter does not automatically reload.
When WD_CD is logic 0 (watchdog timer disabled) and the Microcontroller Unit (MCU)
loads a watchdog timer value n:
• the flag WDTF is reset
• INT is cleared
• the watchdog timer starts again
Loading the counter with 0 will:
• reset the flag WDTF
• clear INT
• stop the watchdog timer
Remark: WDTF is read only and cannot be cleared by command. WDTF can be cleared
by:
• loading a value in register Watchdg_tim_val
• reading of the register Control_2
Writing a logic 0 or logic 1 to WDTF has no effect.
Table 52.
Programmable watchdog timer
TF[1:0] Timer source
clock frequency
Units
Minimum timer
period (n = 1)
Units
Maximum timer
period (n = 255)
Units
00
4.096
kHz
244
s
62.256
ms
01
64
Hz
15.625
ms
3.984
s
10
1
Hz
1
s
255
s
11
1⁄60
Hz
60
s
15300
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com