Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129AT Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 34Page - NXP Semiconductors PCF2129AT Datasheet HTML 35Page - NXP Semiconductors PCF2129AT Datasheet HTML 36Page - NXP Semiconductors PCF2129AT Datasheet HTML 37Page - NXP Semiconductors PCF2129AT Datasheet HTML 38Page - NXP Semiconductors PCF2129AT Datasheet HTML 39Page - NXP Semiconductors PCF2129AT Datasheet HTML 40Page - NXP Semiconductors PCF2129AT Datasheet HTML 41Page - NXP Semiconductors PCF2129AT Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
38 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
When the watchdog timer counter reaches 1, the watchdog timer flag WDTF is set
logic 1
When a minute or second interrupt occurs, the minute/second flag MSF is set logic 1
(see Section 8.12.1).
8.10.4 Pre-defined timers: second and minute interrupt
PCF2129 has two pre-defined timers which are used to generate an interrupt either once
per second or once per minute (see Section 8.12.1). The pulse generator for the minute or
second interrupt operates from an internal 64 Hz clock. It is independent of the watchdog
timer. Each of these timers can be enabled by the bits SI (second interrupt) and MI
(minute interrupt) in register Control_1.
8.10.5 Clearing flags
The flags MSF, AF, and TSFx can be cleared by command. To prevent one flag being
overwritten while clearing another, a logic AND is performed during the write access. A
flag is cleared by writing logic 0 while a flag is not cleared by writing logic 1. Writing logic 1
results in the flag value remaining unchanged.
Two examples are given for clearing the flags. Clearing a flag is made by a write
command:
Bits labeled with - must be written with their previous values
Bits labeled with T have to be written with logic 0
WDTF is read only and has to be written with logic 0
Repeatedly rewriting these bits has no influence on the functional behavior.
Counter reached 1, WDTF is logic 1, and an interrupt is generated.
Fig 19. WD_CD set logic 1: watchdog activates an interrupt when timed out
Table 53.
Flag location in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
MSF
WDTF
TSF2
AF
T
-
-
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com