Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2129AT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2129AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2129AT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 13Page - NXP Semiconductors PCF2129AT Datasheet HTML 14Page - NXP Semiconductors PCF2129AT Datasheet HTML 15Page - NXP Semiconductors PCF2129AT Datasheet HTML 16Page - NXP Semiconductors PCF2129AT Datasheet HTML 17Page - NXP Semiconductors PCF2129AT Datasheet HTML 18Page - NXP Semiconductors PCF2129AT Datasheet HTML 19Page - NXP Semiconductors PCF2129AT Datasheet HTML 20Page - NXP Semiconductors PCF2129AT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
PCF2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 19 December 2014
17 of 86
NXP Semiconductors
PCF2129
Accurate RTC with integrated quartz crystal for industrial applications
8.5.1 Battery switch-over function
The PCF2129 has a backup battery switch-over circuit which monitors the main power
supply VDD. When a power failure condition is detected, it automatically switches to the
backup battery.
One of two operation modes can be selected:
Standard mode — the power failure condition happens when:
VDD < VBAT AND VDD <Vth(sw)bat
Vth(sw)bat is the battery switch threshold voltage. Typical value is 2.5 V. The battery
switch-over in standard mode works only for VDD > 2.5 V
Direct switching mode — the power failure condition happens when VDD < VBAT. Direct
switching from VDD to VBAT without requiring VDD to drop below Vth(sw)bat
When a power failure condition occurs and the power supply switches to the battery, the
following sequence occurs:
1. The battery switch flag BF (register Control_3) is set logic 1.
2. An interrupt is generated if the control bit BIE (register Control_3) is enabled
(see Section 8.12.6).
3. If the control bit BTSE (register Control_3) is logic 1, the timestamp registers store the
time and date when the battery switch occurred (see Section 8.11.4).
4. The battery switch flag BF is cleared by command; it must be cleared to clear the
interrupt.
The interface is disabled in battery backup operation:
Interface inputs are not recognized, preventing extraneous data being written to the
device
Interface outputs are high-impedance
For further information about I2C-bus communication and battery backup operation, see
Section 9.3 on page 56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com