Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82845GL Datasheet(PDF) 75 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 75 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 71Page - Intel Corporation 82845GL Datasheet HTML 72Page - Intel Corporation 82845GL Datasheet HTML 73Page - Intel Corporation 82845GL Datasheet HTML 74Page - Intel Corporation 82845GL Datasheet HTML 75Page - Intel Corporation 82845GL Datasheet HTML 76Page - Intel Corporation 82845GL Datasheet HTML 77Page - Intel Corporation 82845GL Datasheet HTML 78Page - Intel Corporation 82845GL Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
75
Register Description
3.5.1.34
ERRCMD—Error Command Register (Device 0)
Address Offset:
CA–CBh
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
This register controls the GMCH responses to various system errors. Since the GMCH does not
have an SERR# signal, SERR messages are passed from the GMCH to the ICH over HI. When a
bit in this register is set, a SERR message will be generated on HI whenever the corresponding flag
is set in the ERRSTS register. The actual generation of the SERR message is globally enabled for
Device 0 via the PCI Command register.
Bit
Description
15:10
Intel Reserved.
9
SERR on Non-DRAM Lock (LCKERR).
1 = Disable.
1 = Enable. GMCH generates a HI SERR special cycle when a processor lock cycle is detected that
does not hit SDRAM.
8:7
Intel Reserved.
6
SERR on Target Abort on HI Exception (TAHLA).
0 = Disable.
1 = Enable. GMCH generates an SERR special cycle over HI when an GMCH originated HI cycle is
completed with a Target Abort completion packet or special cycle.
5
SERR on Detecting HI Unimplemented Special Cycle (HIAUSCERR).
SERR messaging for
Device 0 is globally enabled in the PCICMD register.
0 = Disable. GMCH does not generate an SERR message for this event.
1 = Enable. GMCH generates an SERR message over HI when an Unimplemented Special Cycle is
received on the HI.
4
SERR on AGP Access Outside of Graphics Aperture (OOGF).
0 = Disable. Reporting of this condition is disabled.
1 = Enable. GMCH generates an SERR special cycle over HI when an AGP access occurs to an
address outside of the graphics aperture.
3
SERR on Invalid AGP Access (IAAF).
0 = Disable. Invalid AGP Access condition is not reported.
1 = Enable. GMCH generates an SERR special cycle over HI when an AGP access occurs to an
address outside of the graphics aperture and either to the 640 KB –1 MB range or above the top
of memory. I
2
SERR on Invalid Translation Table Entry (ITTEF).
0 = Disable. Reporting of this condition is disabled.
1 = Enable. GMCH generates an SERR special cycle over HI when an invalid translation table entry
was returned in response to an AGP access to the graphics aperture.
1:0
Intel Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com