Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82845GL Datasheet(PDF) 30 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 30 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 26Page - Intel Corporation 82845GL Datasheet HTML 27Page - Intel Corporation 82845GL Datasheet HTML 28Page - Intel Corporation 82845GL Datasheet HTML 29Page - Intel Corporation 82845GL Datasheet HTML 30Page - Intel Corporation 82845GL Datasheet HTML 31Page - Intel Corporation 82845GL Datasheet HTML 32Page - Intel Corporation 82845GL Datasheet HTML 33Page - Intel Corporation 82845GL Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 193 page
background image
Signal Description
30
Intel® 82845G/82845GL/82845GV GMCH Datasheet
2.4.3
AGP Status Signals
2.4.4
AGP Strobes
Signal Name
Type
Description
GST_[2:0]
O
AGP
Status: GST_[2:0] provide information from the arbiter to an AGP Master on
what it may do. GST_[2:0] only have meaning to the master when its GGNT#
is asserted. When GGNT# is deasserted, these signals have no meaning and
must be ignored. GST_[2:0] are always an output from the GMCH and an
input to the master.
000 = Previously requested low priority read data is being returned to the
master
001 = Previously requested high priority read data is being returned to the
master.
010 = The master is to provide low priority write data for a previously queued
Write command.
011 = The master is to provide high priority write data for a previously queued
Write command.
100 = Reserved
101 = Reserved
110 = Reserved
111= The master has been given permission to start a bus transaction. The
master may queue AGP requests by asserting PIPE# or start a PCI
transaction by asserting FRAME#.
Signal Name
Type
Description
GADSTB_0
I/O (s/t/s)
AGP
GAD Bus Strobe-0: This signal provides timing for 2X and 4X clocked data on
GAD_[15:0] and GC/BE_[1:0]#. The agent that is providing data drives this
signal.
GADSTB_0#
I/O (s/t/s)
AGP
GAD Bus Strobe-0 Complement: GADSTB_0# is the differential complement to
the GAD_STB_0 signal. It is used to provide timing for 4X clocked data.
GADSTB_1
I/O (s/t/s)
AGP
GAD Bus Strobe-1: This signal provides timing for 2X and 4X clocked data on
GAD_[31:16] and GC/BE_[3:2]#. The agent that is providing data drives this
signal.
GADSTB_1#
I/O (s/t/s)
AGP
GAD Bus Strobe-1 Complement: GADSTB_1# is the differential complement to
the GADSTB_1 signal. It is used to provide timing for 4X clocked data.
GSBSTB
I
AGP
Sideband Strobe: This signal provides timing for 2X and 4X clocked data on the
GSBA[7:0] bus. It is driven by the AGP master after the system has been
configured for 2X or 4X clocked sideband address delivery.
GSBSTB#
I
AGP
Sideband Strobe Complement: GSBSTB# is the differential complement to the
GSBSTB signal. It is used to provide timing for 4X clocked data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com