| Electronic Components Datasheet Search |
|
ALPHA2 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
ALPHA2 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor |
|
17 / 19 page ![]() ALPHA2 QUICK START MANUAL 17 10. TROUBLESHOOTING 10.1 INPUT STATUS ERROR • Place the Alpha2 controller in the Stop mode. • Cycle the power to the equipment connected to the input terminals and check if the input status is displayed correctly. • If it is not correctly displayed, check the points below. 1. Check the wiring for the power supply and the inputs. 2. Check if the equipment used for the inputs corresponds to the specifications in this manual. NOTES ON USE Do not connect a wire with a soldered end to an Alpha2 series terminal due to poor contact and the possibility of the wire shearing. 10.2 OUTPUT STATUS ERROR • Place the Alpha2 controller in the Stop mode. • Force the outputs ON/OFF and check the operation of the outputs. • Check that the program is written to perform per the desired results. • If there is still an error, check the points below: 1. Check the wiring for the power supply and the outputs. 2. Check if the equipment used for the outputs corresponds to the specification in this manual. NOTES ON USE Perform the forced ON/OFF operations only after thoroughly checking that it is safe to do so. Damage to the machine or controller or a safety issue could arise if the forced ON/OFF is performed inappropriately. If proper precautions are not taken, damage to the equipment or machine failure may occur. 10.3 TOP MENU IS NOT DISPLAYED The menu key should be operated to access the Top Menu. Push the keys “OK” and “ESC” at the same time. If the menu call key is not set, use either the programming software to the Stop mode or do the forced stop operation. The Top Menu cannot be accessed from the keys. However, by cycling the power supply and pressing the “OK + ESC” keys simultaneously during the power up, the Top Menu will appear. FORCED STOP OPERATION 1. Turn the Alpha2 series power supply off. 2. Turn the power ON again while pushing the “OK” and “ESC” keys simultaneously. The option to place the controller in Stop mode will be available for approximately five seconds. Press the “OK” key to enter the Stop Mode. If no key is pressed, the controller will default back into the Run mode. 3. Push “ESC” key.The “Top Menu” is displayed. CAUTION: Perform the forced stop operation only after thoroughly checking that it is safe to do so. Damage to the machine or controller or a safety issue could arise if the forced ON/OFF is performed inappropriately. If proper precautions are not taken, damage to the equipment or machine failure may occur. 10.4 CANNOT ENTER RUN MODE When the Alpha2 series will not switch to Run mode, check the following. 1. The message “Input Error” or “Output Error” is displayed on the screen. The program has more points of input and/or output than is allowed in the controller body. a) When making the program with the programming software. The content of the program and the model are checked with the programming software. Write the program to the Alpha2 series controller. 2. The program data has an error. When the program cannot be displayed with “ProgEdit” in “TopMenu”, it is possible that the program data was damaged. Delete the program and then write or install a new program. 10.5 INCORRECT CLOCK DATA When approximately 20 days or more have passed since power was supplied to the Alpha2 series, the time data is lost. In this case, the time data should be set. 10.6 THE “?” APPEARS ON THE DISPLAY The “?” mark is displayed when an unacceptable key is pressed according to the screen data. Confirm the acceptable options and press the appropriate key. 10.7 CANNOT USE AN OPERATION KEY Check the movement of the operation keys according to the following procedures when the Alpha2 series will not accept a key operation. If the steps outlined in instructions (1) - (5) below can be performed, the keys are operating properly. Please check if the key(s) are used in the program. 1. Place the controller in the Stop mode. 2. Scroll through the Top Menu with “p” key or “ q” key. 3. Move the cursor to “ClockSet” with “p” key or “ q” key, and push the “OK” key twice. The “ClockSet” screen is displayed. 4. Try to change the month/year data using the “t” key, “u” key, “+” key and “-” key. 5. Push the “ESC” key. 10.8 INCORRECT LCD DISPLAY Check the following items. • If the character is displayed in reverse and the entire screen is black, then the Alpha2 controller display has been damaged. • An Unexpected Display Configuration is Shown When the display does not appear as expected, please check the following points in the program. 1. Adjust the position where each display function begins. Two separate displays might have an overlapping display area that causes the undesired result. 2. The character fails to display Check if the input pin to the Display Function Block is On. Check whether there is a conflict with another display. Mitsubishi Electric Automation, Inc. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |