| Electronic Components Datasheet Search |
|
ALPHA2 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
ALPHA2 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor |
|
8 / 19 page ![]() ALPHA2 QUICK START MANUAL 8 • SETUP FB Set variables in the Function Blocks for your application. • CHANGE NO Change the Function Block Number • DELETE FB Delete Selected Function Block 6.6 OPTION SCREEN SETUP Various options have been provided for ease of use or for safety purposes. All of the options in this section can be accessed from either the Run or the Stop Menu. 6.6.1 CHANGE THE LANGUAGE SETTING 1. Turn the Alpha2 On. 2. Press the “OK” and “ESC” buttons simultaneously to go to the TopMenu or reset the controller. 3. Scroll to the “LANGUAGE” option and press the “OK” key. The TopMenu entry “LANGUAGE” is common for all languages. 4. Scroll to the desired language and press the “OK” key. The languages available are English, German, French, Italian, Spanish, Swedish, and Russian 5. Use the “ESC” key to exit to the Topmenu. 6.6.2 ClockSET n TO SET THE CLOCK 1. From the TopMenu, scroll to “ClockSet” and press the “OK” key. 2. From the options that appear, choose “ClockSet” and press the “OK” key. 3. Use the arrow keys to move to an area that needs to be changed. 4. Adjust with the “+” or “-” keys. 5. Repeat steps 3-4 until ALL changes have been completed. 6. Press the “OK” key to accept all the changes or the “ESC” to discards the changes. 7. Press the “ESC” key to return to the Top Menu. n TO SET THE DAILY CORRECTION 1. From the TopMenu, scroll to “ClockSet” and press the “OK” key. 2. From the options that appear, choose “Correct” and press the “OK” key. 3. Set the daily correction time with the “+” or “-” keys. 4. Press the “OK” key to accept the value and press the “ESC” key to return to the Top Menu. CAUTION: When setting the Real Time Clock or inputting a daily clock adjustment please change the mode to Stop. NOTE: The date setting can be displayed as yyyy/mm/dd, dd/mm/yyyy, or mm/dd/yyyy by manipulating the “+” and “-” keys. 6.6.3 PASSWORD The password consists of four digits and will prohibit entry into the ProgEdit, Monitor, Disp Pass and Serial Com modes only. All other menu options can be accessed when a Password is used. n TO ENTER A PASSWORD 1. Select “Others...” Menu Option. 2. Select “Password” from the “Others...” Menu Options 3. Use the “+” and “-” keys to enter the desired password. 4. Press the “OK” key to accept and activate the password. 5. A key symbol will now be displayed at the top of the Alpha2 display. n TO CANCEL A PASSWORD 1. Select the “Others...“Menu Option”. 2. Select “Password” from the “Other” Menu Options. “Cancel Password” should appear on the top of the screen. 3. Use the “+” and “-” keys to enter the current password. 4. Press the “OK” key to accept and deactivate the password. 5. The key symbol will be removed from the Alpha2 display. NOTE: The Password can also be set/deleted from the AL-PCS software or deleted by the “PROGCLEAR” command 6.7 BLOCK ITEMS Each block item contains an individual diagram that shows the block number, available number of input pins, the output pin if applicable, and the block mnemonic. Connections between blocks can be viewed at the pin locations when connected blocks are shown individually on the LCD. 6.7.1 Input Blocks The Input Blocks consist of System Inputs (I01 - I15), Key Inputs (K01-K08), System Bits (M01-M24) or Link Inputs (E01 - E04). The input number is shown in the top right hand corner, the type of input in the lower right hand corner, and the output pin is shown on the far right of the block. Input Blocks provide information to the Function Blocks or Outputs. 6.7.2 Function Blocks The individual Function Blocks are described in detail in Chapter 9. The number and block mnemonic are shown in the top right and bottom right locations respectively. 6.7.3 Output Blocks Output Blocks have one input and one output pin. They only have the capacity for one input signal through the input pin. The Output Block number and Mnemonic are shown in the top right and lower right hand corner of the diagram respectively. 6.7.4 Connected Blocks Blocks that are connected can be shown simultaneously onscreen. The block providing the output signal will be shown on the left of the screen. The input pin accepting the signal will flash. Any input pin that is already connected will be shown as a solid triangle. 7. DIRECT PROGRAMMING The Alpha2 can be programmed using the front panel keys on the Alpha2 series controller. The following sections will describe how to connect/disconnect function blocks, set program parameters, add Function Blocks, and move around within the program. The ProgEdit mode in the Stop Menu has full programming capability. The Monitor mode in the Run Menu has the capability to manipulate Function Block values and settings but cannot edit, change, or delete the existing programk. Mitsubishi Electric Automation, Inc. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |