Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALPHA2 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # ALPHA2
Description  PROGRAMMABLE LOGIC CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ALPHA2 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button ALPHA2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor ALPHA2 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ALPHA2 QUICK START MANUAL
6
5. SPECIFICATIONS
n
POWER REQUIREMENTS AND INPUT SPECIFICATIONS
Item
Description
Power Supply
AL2-_ _MR-A: 100 - 240 VAC~,
+10% -15%, 50/60 Hz
AL2-_ _MR-D: 24VDC, +20% -15%
Max. Momentary Power Failure
AL2-_ _MR-A: 10ms
AL2-_ _MR-D: 5ms
In-Rush Current
AL2-_ _MR-A: ≤ 6.5A (3.5A),
240VAC~ (120VAC~)
AL2-_ _MR-D: ≤ 7.0A, 24VDC
Fuse
Rating
AL2-_ _MR-A: 250V 1A
AL2-24MR-D: 250V 500mA
AL2-14MR-D: 250V 500mA
AL2-10MR-D: 250V 1A
Typical Power
Consumption
AL2-10MR-A, 240VAC~
I/O all On - 3.5 W; I/O all Off - 1.85 W
AL2-10MR-A, 120VAC~
I/O all On - 3.0 W; I/O all Off - 1.55 W
AL2-10MR-D, 24VDC
I/O all On - 2.5 W; I/O all Off - 0.75 W
AL2-14MR-A, 240VAC~
I/O all On - 4.5 W; I/O all Off - 2.0 W
AL2-14MR-A, 120VAC~
I/O all On - 3.5 W; I/O all Off - 1.5 W
AL2-14MR-D, 24VDC
I/O all On - 4.0 W; I/O all Off - 1.0 W
AL2-24MR-A, 240VAC~
I/O all On - 5.5 W; I/O all Off - 2.5 W
AL2-24MR-A, 120VAC~
I/O all On - 4.5 W; I/O all Off - 2.0 W
AL2-24MR-D, 24VDC
I/O all On - 5.0 W; I/O all Off - 1.0 W
n
INPUT SPECIFICATIONS
Description
AL2-_ _MR-A
(AC Inputs)
AL2-_ _MR-D (DC Inputs)
Source Type
Sink Type
Input Voltage
100 - 240V
AC~, +10
-15%, 50/60 Hz
24V DC, +20% -15%
Input Current
AL2-10MR-_
I01 – I06
0.13mA, 120
VAC~
0.25mA, 240
VAC~
6.0mA,
24VDC
5.5mA,
24VDC
Input Current
AL2-14MR-
AL2-24MR-_
I01 – I08
I09 – I15
0.15mA, 120V
AC~
0.29mA, 240
VAC~
5.5mA,
24VDC
Input Impedance
≥ 800kΩ
-
Off
g On /
On
g Off
I01 – I15
≥ 80V / ≤ 40V
≥ 18V / ≤ 4V
≤ 4V / ≥18V
Response Time
35-85ms, 120
VAC~
25-130ms,
240VAC~
10 - 20ms
Isolation Circuit
None
None
n
ANALOG INPUT SPECIFICATIONS
(AL2-**MR-D, SOURCE TYPE ONLY)
Description
Analog Input Specification
Number of Analog Input AL2-10MR-D: 6 (I01 - I06)
AL2-14MR-D, AL2-24MR-D: 8 (I01 - I08)
Input Voltage
0 - 10V DC
Analog Input Range
0 - 500 (10000/500 mV)
Conversion Speed
8ms
Input Impedance
142kΩ ± 5%
Overall Accuracy
± 5%, 0.5VDC
Temperature Drift
± 3 LSB
n
GENERAL SPECIFICATIONS
Description
Specifications
Operating Temperature
(-25) - 55°C / (-13) - 131°F,
Displayed: (-10) - 55°C / 14 - 131°F
Storage Temperature
(-30) - 70°C / (-22) - 158°F
Humidity
35 - 85% relative humidity, no condensation
Device and RTC Backup
20 days (25°C / 77°F) by capacitor
RTC Accuracy
5 s / day (25°C / 77°F)
Noise Immunity
1000 Vpp, 1 μs, 30 - 100Hz, tested by noise simulator
Dialectric Withstand
Voltage
3750V AC~ > 1 min per EN60730-1 between the
following points:
Power/Input Terminals and Relay Output Terminals
Relay Output Terminal and Relay Output Terminal
All Terminals and the DIN 43880 Control box or
equivalent
Insulation Resistance
7 MΩ, 500VDC per EN60730-1 between the following
points: Power/Input Terminals and Relay Output
Terminals; Relay Output Terminal and Relay Output
Terminal; All Terminals and the DIN 43880 Control box
or equivalent
Vibration Resistance -
Direct Mounting
Conforms to IEC 68-2-6; 10-57 Hz: 0.15 mm
Constant Amplitude 57-150 Hz: 19.6 m/s²
Acceleration Sweep Count for X, Y, Z: 10 times
(80 minutes in each direction)
Vibration Resistance -
DIN Rail Mounting
Conforms to IEC 68-2-6; 10-57 Hz: 0.075 mm
Constant Amplitude 57-150 Hz: 9.8 m/s²
Acceleration Sweep Count for X, Y, Z: 10 times
(80 minutes in each direction)
Shock Resistance
Conforms to IEC 68-2-27: 147m/s² Acceleration,
Action Time: 11 ms 3 times in each direction X, Y, Z
Type of Action
EN60730-1, Section 6.4.3 - Type 1C (Relay Output)
Software Class
EN60730-1, Section H6.18 - Class A
Purpose of Control
EN60730-1, Section 2.2 - Electrical Control
Construction of Control
EN60730-1, Section 6.15 - Incorporated Control
Whether the Control is
Electric
EN60730-1, Section H2.5.7 - Electronic Control
Safety Class
II
Protection
IP20
Temperature for the Ball
Pressure Test
75°C (167°F)
Pollution Degree
2
Operation Ambiance
To be free of corrosive gases. Dust should be minimal
Electrical Isolation
Reinforced primary / secondary insulation
Grounding
None
EC Directive: EMC
EN61131-2:2007; EN60730-1:2011
EC Directive: LVD
EN61131-2:2007; EN60730-1:2011
Certification of UL/cUL
File number: E95239
n
OUTPUT SPECIFICATIONS
Description
Relay Specification
Switched Voltage
250VAC~ or less, 30VDC or less
Max.
Resistive
Load
AL2-10MR-_ (O01 - O04)
8A/COM
AL2-14MR-_ (O01 - O06)
AL2-24MR-_ (O01 - O04)
AL2-24MR-_ (O05 - O09) 2A/point (4A/COM)
Contact
Life Cycle /
Resistance
Load
AL2-10MR-_ (O01 - O04)
100,000 Cycles at 8 Amps /
240VAC~ or 24VDC
AL2-14MR-_ (O01 - O06)
AL2-24MR-_ (O01 - O04)
AL2-24MR-_ (O05 - O09) 100,000 Cycles at 2 Amps / 240VAC~
or 24VDC
Minimum Load
50mW (10mA at 5VDC)
Max.
Inductive
Load
AL2-10MR-_ (O01 - O04)
249 VA (1/3 hp) / 125VAC~,
373 VA (1/2 hp) / 250VAC~
AL2-14MR-_ (O01 - O06)
AL2-24MR-_ (O01 - O04)
AL2-24MR-_ (O05 - O09) 93 VA (1/8 hp) / 125VAC~,
93 VA (1/8 hp) / 250VAC~
Response Time
≤ 10 ms
Operation Indication
Liquid Crystal Display
Isolation Circuit
By Relay
Mitsubishi Electric Automation, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com