Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8652FC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 39Page - NXP Semiconductors MMA8652FC Datasheet HTML 40Page - NXP Semiconductors MMA8652FC Datasheet HTML 41Page - NXP Semiconductors MMA8652FC Datasheet HTML 42Page - NXP Semiconductors MMA8652FC Datasheet HTML 43Page - NXP Semiconductors MMA8652FC Datasheet HTML 44Page - NXP Semiconductors MMA8652FC Datasheet HTML 45Page - NXP Semiconductors MMA8652FC Datasheet HTML 46Page - NXP Semiconductors MMA8652FC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
43
6.9.2
0x1E TRANSIENT_SRC register
The transient source register provides the status of the enabled axes and the polarity (directional) information. When the
TRANSIENT_SRC register is read, it clears the interrupt for the transient detection.
When new events arrive while EA = 1, additional *TRANSE bits may get set, and the corresponding *_Trans_Pol flag become
updated. However no *TRANSE bit may get cleared before the TRANSIENT_SRC register is read.
•
When the EA bit gets set while ELE = 1, all other status bits get frozen at their current state.
•
By reading the TRANSIENT_SRC register, all bits get cleared.
Table 60. 0x1E TRANSIENT_SRC register (Read-Only)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
—
EA
ZTRANSE
Z_Trans_Pol
YTRANSE
Y_Trans_Pol
XTRANSE
X_Trans_Pol
Table 61. TRANSIENT_SRC register
Bit(s)
Field
Description
7
—
Could be 0 or 1.
6EA
Event Active Flag
0 No event flag has been asserted (default)
1 One or more event flags has been asserted.
5
ZTRANSE
Z-transient event
0 No interrupt (default)
1 Z-transient acceleration greater than the value of TRANSIENT_THS event has occurred
4
Z_Trans_Pol
Polarity of Z-Transient Event that triggered the interrupt
0 Z-event was positive g (default)
1 Z-event was negative g
3
YTRANSE
Y-transient event
0 No interrupt (default)
1 Y-transient acceleration greater than the value of TRANSIENT_THS event has occurred
2
Y_Trans_Pol
Polarity of Y-Transient Event that triggered the interrupt
0 Y-event was Positive g (default)
1 Y-event was Negative g
1
XTRANSE
X-transient event
0 No interrupt (default)
1 X-transient acceleration greater than the value of TRANSIENT_THS event has occurred
0
X_Trans_Pol
Polarity of X-Transient Event that triggered the interrupt
0 X-event was Positive g (default)
1 X-event was Negative g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com