Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8652FC Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 41Page - NXP Semiconductors MMA8652FC Datasheet HTML 42Page - NXP Semiconductors MMA8652FC Datasheet HTML 43Page - NXP Semiconductors MMA8652FC Datasheet HTML 44Page - NXP Semiconductors MMA8652FC Datasheet HTML 45Page - NXP Semiconductors MMA8652FC Datasheet HTML 46Page - NXP Semiconductors MMA8652FC Datasheet HTML 47Page - NXP Semiconductors MMA8652FC Datasheet HTML 48Page - NXP Semiconductors MMA8652FC Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
45
6.10
Pulse configuration and status registers
For more information about of how to configure the tap detection and sample code, see application note AN4083, Data
Manipulation and Basic Settings for Xtrinsic MMA865xFC Accelerometers. The tap detection registers are referred to as “Pulse”.
6.10.1
0x21: PULSE_CFG Pulse Configuration register
The PULSE_CFG register configures the event flag for tap detection, enabling/disabling the detection of a single and double
pulse on each of the axes.
Table 67. 0x21 PULSE_CFG register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DPA
ELE
ZDPEFE
ZSPEFE
YDPEFE
YSPEFE
XDPEFE
XSPEFE
Table 68. PULSE_CFG register
Bit(s)
Field
Description
Notes
7DPA
Double Pulse Abort
0 Double Pulse detection is not aborted if the start of a pulse is detected during
the time period specified by the PULSE_LTCY register. (default)
1 Setting the DPA bit momentarily suspends the double tap detection if the
start of a pulse is detected during the time period specified by the
PULSE_LTCY register, and the pulse ends before the end of the time period
specified by the PULSE_LTCY register.
6ELE
Pulse event flags are latched into the PULSE_SRC register.
Reading of the PULSE_SRC register clears the event flag.
0 Event detection is disabled (default)
1 Event detection is enabled
5
ZDPEFE
Event flag enable for a double pulse event on Z-axis
4
ZSPEFE
Event flag enable for a single pulse event on Z-axis
3
YDPEFE
Event flag enable for a double pulse event on Y-axis
2
YSPEFE
Event flag enable for a single pulse event on Y-axis
1
XDPEFE
Event flag enable for a double pulse event on X-axis
0
XSPEFE
Event flag enable for a single pulse event on X-axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com