Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8652FC Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 53Page - NXP Semiconductors MMA8652FC Datasheet HTML 54Page - NXP Semiconductors MMA8652FC Datasheet HTML 55Page - NXP Semiconductors MMA8652FC Datasheet HTML 56Page - NXP Semiconductors MMA8652FC Datasheet HTML 57Page - NXP Semiconductors MMA8652FC Datasheet HTML 58Page - NXP Semiconductors MMA8652FC Datasheet HTML 59Page - NXP Semiconductors MMA8652FC Datasheet HTML 60Page - NXP Semiconductors MMA8652FC Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
57
6.13
Data calibration registers
The 2’s complement offset correction registers values are used to realign the Zero-g position of the X, Y, and Z-axis after the
device is mounted on a board. The resolution of the offset registers is 1.96 mg/LSB. The 2’s complement 8-bit value would result
in an offset compensation range ±250 mg for each axis.
6.13.1
0x2F: OFF_X Offset Correction X register
6.13.2
0x30: OFF_Y Offset Correction Y register
6.13.3
0x31: OFF_Z Offset Correction Z register
Table 108. 0x2F OFF_X register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 109. OFF_X register
Bit(s)
Field
Description
7–0
D[7:0]
X-axis offset value
0000_0000 (default)
Table 110. 0x30 OFF_Y register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 111. OFF_Y register
Bit(s)
Field
Description
7–0
D[7:0]
Y-axis offset value
0000_0000 (default)
Table 112. 0x31 OFF_Z register (Read/Write)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 113. OFF_Z register
Bit(s)
Field
Description
7–0
D[7:0]
Z-axis offset value
0000_0000 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com