Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT97SC3203 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT97SC3203
Description  Trusted Platform Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3203 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT97SC3203 Datasheet HTML 1Page - ATMEL Corporation AT97SC3203 Datasheet HTML 2Page - ATMEL Corporation AT97SC3203 Datasheet HTML 3Page - ATMEL Corporation AT97SC3203 Datasheet HTML 4Page - ATMEL Corporation AT97SC3203 Datasheet HTML 5Page - ATMEL Corporation AT97SC3203 Datasheet HTML 6Page - ATMEL Corporation AT97SC3203 Datasheet HTML 7Page - ATMEL Corporation AT97SC3203 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Note: This is a summary document. A complete document is
available under NDA. For more information, please contact your
local Atmel sales office.
Features
• Compliant with Trusted Computing Group (TCG) Trusted Platform Module (TPM) Main
Specification Version 1.2
• Compliant with TCG PC Client Specific TPM Interface Specification Version 1.2
• Single Chip Turnkey Solution
• Hardware Asymmetric Crypto Engine
• 2048 RSA Sign in 500 ms
• AVR® RISC Microprocessor
• 33 MHz LPC (Low Pin Count) Bus for Easy PC Interface
• Secure Hardware and Firmware Design
• True Random Number Generator (RNG) – FIPS 140.2 compliant
• Secure Real-time Clock Option
• 3.3V ±10% Supply Voltage
• 28-lead TSSOP Package or 40-lead QFN Package
• 0–70°C Temperature Range
Description
The AT97SC3203 Trusted Platform Module (TPM) is the latest offering from Atmel,
the world's leading choice for TPMs. Atmel, supplier of the world's first production
v1.1b TPM, the AT97SC3201, expands its success into v1.2 TPMs with the
AT97SC3203. Atmel continues to pace the development of TPM technology and
actively participates in the Trusted Computing Group (TCG) and contributes expertise
in the development of the TPM specifications. By utilizing Atmel TPMs, you can be
confident that you are implementing the most advanced TPMs available on the market
today and in the future.
The AT97SC3203 is a fully integrated security module designed to be integrated into
personal computers and other embedded systems. It implements version 1.2 of the
Trusted Computing Group specification for Trusted Platform Modules.
The TPM includes a cryptographic accelerator capable of computing a 2048-bit RSA
signature in 500 ms and a 1024-bit RSA signature in 100 ms. Performance of the
SHA-1 accelerator is L50 µs per 64-byte block. In most cases, TCG key generation
operations will be completed using a proprietary mechanism in less than 1 msec.
The chip communicates with the PC through the LPC interface. The TPM supports
SIRQ (for interrupts) and CLKRUN to permit clock stopping for power savings in
mobile computers.
Trusted
Platform
Module
AT97SC3203
Summary
Advance
Information
Rev. 5116AS-TPM–7/05


Similar Part No. - AT97SC3203

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S Datasheet
286Kb / 8P
Trusted Platform Module
AT97SC3203S-X5A40 ATMEL-AT97SC3203S-X5A40 Datasheet
212Kb / 8P
Trusted Platform Module
AT97SC3203S-X5M40 ATMEL-AT97SC3203S-X5M40 Datasheet
212Kb / 8P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
Trusted Platform Module
More results

Similar Description - AT97SC3203

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
Trusted Platform Module
logo
Infineon Technologies A...
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
Trusted Platform Module
Revision 1.0, 2015-10-27
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
Trusted Platform Module
Revision 1.0, 2014-12-12
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
Trusted Platform Module
Revision 1.0 2019-04-08
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
Trusted Platform Module
Revision 1.3 2018-09-21
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
Trusted Platform Module
Revision 1.4 2018-12-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com