Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT97SC3203 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT97SC3203
Description  Trusted Platform Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3203 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT97SC3203 Datasheet HTML 1Page - ATMEL Corporation AT97SC3203 Datasheet HTML 2Page - ATMEL Corporation AT97SC3203 Datasheet HTML 3Page - ATMEL Corporation AT97SC3203 Datasheet HTML 4Page - ATMEL Corporation AT97SC3203 Datasheet HTML 5Page - ATMEL Corporation AT97SC3203 Datasheet HTML 6Page - ATMEL Corporation AT97SC3203 Datasheet HTML 7Page - ATMEL Corporation AT97SC3203 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AT97SC3203
5116AS-TPM–7/05
Table 1. Pin Descriptions
Name
TSSOP Pin #
QFN Pin #
Type
Description
LAD[3:0]
17, 20, 23,
26
30, 27, 24,
21
Input or
Output
LPC Multiplexed Command, Address, Data: Internal pull-ups are
provided.
LFRAME#
22
26
Input
LPC frame: Indicates the start of an LPC cycle, or an abort.
LPCPD#
28
32
Input
Power Down: Indicates that the TPM should prepare for power to
be shut off on the LPC interface. If this pin is unused, it should be
tied to the 3V power supply pin through a resistor.
CLKRUN#
15
19
Input or
Output
PCI Clock Run: Active low output enabling the system LPC clock. If
this pin is unused, it should be tied to ground.
LCLK
21
25
Input
33MHz PCI clock provides timing for all transactions on the PCI
bus.
LRESET#
16
20
Input
PCI signal to reset all devices that reside on the PCI bus.
SERIRQ
27
31
Input or
Output
Serialized Interrupt Request Signal. If the SERIRQ function is
enabled, this pin should be connected to the CPU SERIRQ input,
and the line pulled to the 3V power supply pin through a resistor. If
this pin is unused, it should be tied to the 3V power supply pin
through a resistor.
SB3V
5
3
Input
Standby 3.3V Supply. If no separate standby power supply is
connected to this pin, the pin should be tied directly to the 3V
power supply pin.
3V
10, 19, 24
8, 23, 28
Input
Primary 3.3V DC power supply input rail supplied by the
motherboard. May be referred to as Vcc.
GND
4, 11, 18, 25
2, 9, 22, 29
Input
System ground.
NC
1
39
Output
No connect. This pin may be floated. If the XOR chain I/O test
mode is used, the pin should be tied to ground directly or through a
resistor. Reserved for the SMBus Data I/O function.
NC
2
40
Output
No connect. This pin may be floated. If the XOR chain I/O test
mode is used, the pin should be tied to ground directly or through a
resistor. Reserved for the SMBus Clock Input function.
VNC
3
1
Output
Vendor No Connect, as designated in the PC Client TIS
specification. This pin may be floated. If the XOR chain I/O test
mode is used, the pin should be tied to ground directly or through a
resistor.
GPIO6
6
4
Input or
Output
General Purpose Input/Output. Internal Pull-up Resistor. This pin is
mapped to NV Index TPM_NV_INDEX_GPIO_00 and serves as
the GPIO-Express-00. Default TPM configuration: GPIO Input.
GPIO6 also serves as the XOR chain Output during I/O test mode.
NC
75Input
No Connect. This input pin has an internal pull-down resistor and
may be floated. If the XOR chain I/O test mode is used, the pin
should be tied to the 3V power supply directly or through a resistor.
TestI
8
6
Output
TPM manufacturing test input disabled. This pin may be floated. If
the XOR chain I/O test mode is used, the pin should be tied directly
to ground.
TestBI/BADD
9
7
Input
TestBI and BADD functions disabled. This pin should be tied
directly to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com