Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPE1255D6 Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part # TPE1255D6
Description  160A For Vbus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPE1255D6 Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

  TPE1255D6 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Current (8/20µs)
IPP
160
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Electrical Characteristics (TA=25°C unless otherwise specified)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @ VR = 0 and f = 1.0 MHz
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
WWW.TECHPUBLIC.COM.TW
2
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
13.5
V
Breakdown Voltage
VBR
V
IT = 1mA,
Reverse Leakage Current
IR
1
µA
VRWM =13.5V,pin1 to ground
Clamping Voltage
VC
V
Clamping Voltage
VC
V
Junction Capacitance
CJ
1300
2500
pF
IPP=30A (8X20us Pulse) fwd
IPP=160A (8X20us Pulse) fwd
pin1 to ground
pin1 to ground
14.5
16.5
16.5
18
28
Reverse Bias=0V f=1MHZ
TPE1255D6
WWW.SOT23.COM.TW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com