Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPE1255D6 Datasheet(PDF) 4 Page - TECH PUBLIC Electronics co LTD

Part # TPE1255D6
Description  160A For Vbus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPE1255D6 Datasheet(HTML) 4 Page - TECH PUBLIC Electronics co LTD

  TPE1255D6 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WWW.TECHPUBLIC.COM.TW
4
Outline Drawing -DFN2018-6
b
bbb
aaa
N
e1
D
DIM
A1
A2
A
0.25
0.15 0.20
0.08
0.10
6
0.80 BSC
MILLIMETERS
MAX
0.05
0.65
DIMENSIONS
MIN
0.00
NOM
0.50
0.03
(0.127)
0.575
1.80
E
1.70
1.90
bbb
C A B
e
0.40 BSC
L
0.25 0.30 0.35
PIN 1
INDICATOR
(LASER MARK)
A
B
C
SEATING
PLANE
aaa C
D
E
A2
A1
A
e/2
e
LxN
bxN
e1/2
e1
E/2
D1
E1
R0.20
E1/2
0.70
1.40
D1
0.45
0.84
E1
0.55
0.30
0.69
0.94
D/2
2.00 2.10
1.90
TPE1255D6
WWW.SOT23.COM.TW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com