Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPE1255D6 Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPE1255D6
Description  160A For Vbus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPE1255D6 Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPE1255D6 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPE1255D6 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPE1255D6
Features
Mechanical Characteristics
Applications
Ordering Information
Part Number
Qty per Reel
Reel Size
7”
TPE1255D6
3000
Dimensions and Pin Configuration
Circuit Diagram
Pin Schematic
1
•
Package:
•
Lead Finish: Matte Tin
•
Case Material: “Green” Molding Compound.
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
WWW.TECHPUBLIC.COM.TW
Protection for Vbus operating up to 13.5V
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT)80A (5/50ns)
– IEC61000-4-5 (Lightning) 160A (8/20μs)
RoHS Compliant
Protection for the Vbus Circuit on USB2.0 Fast Charging
•
160A For Vbus
DFN2018-6(2.0X1.8X0.57mm)
WWW.SOT23.COM.TW


Similar Part No. - TPE1255D6

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE1203D TOPPOWER-TPE1203D Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D TOPPOWER-TPE1203D Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE1203D/E TOPPOWER-TPE1203D/E Datasheet
257Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPE1255D6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N Datasheet
56Kb / 2P
SBD MODULE 160A/40V
PQ160QH06N NIEC-PQ160QH06N_1 Datasheet
157Kb / 2P
160A Avg 60 Volts
logo
Naina Semiconductor ltd...
NDD160C NAINA-NDD160C Datasheet
227Kb / 3P
Diode/Diode Module, 160A
logo
Littelfuse
SP1255 LITTELFUSE-SP1255 Datasheet
2Mb / 4P
SP1255 Series 160A for V
SP1555 LITTELFUSE-SP1555 Datasheet
2Mb / 4P
SP1555 Series 120A for VBUS
logo
Maxim Integrated Produc...
MAX77958EVKIT-2S6 MAXIM-MAX77958EVKIT-2S6 Datasheet
4Mb / 21P
High Voltage VBUS Range
319-100671; Rev 0; 1/21
MAX77958EVKIT-2S3 MAXIM-MAX77958EVKIT-2S3 Datasheet
3Mb / 24P
High Voltage VBUS Range
319-100519; Rev 1; 7/20
logo
Littelfuse
SP1224 LITTELFUSE-SP1224 Datasheet
730Kb / 4P
SP1224 (100A) for USB VBUS
2020 Littelfuse, Inc.
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com