Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1555 Datasheet (PDF) - Littelfuse

SP1555 Datasheet PDF - Littelfuse
Part # SP1555
Download  SP1555 Download
File Size   2800.27 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1555 Series 120A for VBUS

SP1555 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1555 Datasheet PDF - Littelfuse

Part # SP1555
Download  SP1555 Click to download

File Size   2800.27 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1555 Series 120A for VBUS

SP1555 Datasheet (HTML) - Littelfuse




Similar Part No. - SP1555

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SP1550 SHUNYE-SP1550 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Gaomi Xinghe Electronic...
SP1550L GXELECTRONICS-SP1550L Datasheet
498Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SP1550L ZSELEC-SP1550L Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP1550L SHUNYE-SP1550L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results


Similar Description - SP1555

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
logo
LEDTRONICS, INC
RNLD01U-0XX-120A-150FT LEDTRONICS-RNLD01U-0XX-120A-150FT Datasheet
344Kb / 1P
RNLD01U-0XX-120A-150FT
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
logo
TECH PUBLIC Electronics...
TPE1255D6 TECHPUBLIC-TPE1255D6 Datasheet
1Mb / 4P
160A For Vbus
logo
MacMic
MM120G3T65BM MACMIC-MM120G3T65BM Datasheet
620Kb / 5P
650V 120A IGBT
logo
Maxim Integrated Produc...
MAX77958EVKIT-2S6 MAXIM-MAX77958EVKIT-2S6 Datasheet
4Mb / 21P
High Voltage VBUS Range
319-100671; Rev 0; 1/21
MAX77958EVKIT-2S3 MAXIM-MAX77958EVKIT-2S3 Datasheet
3Mb / 24P
High Voltage VBUS Range
319-100519; Rev 1; 7/20
logo
Littelfuse
SP1224 LITTELFUSE-SP1224 Datasheet
730Kb / 4P
SP1224 (100A) for USB VBUS
2020 Littelfuse, Inc.
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com