Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESD Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 19Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 20Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 21Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 22Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 23Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 24Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 25Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 26Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Datasheet
23
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Power Supply
6.1.4
Active mode
Active mode is the normal operation mode of TLE75602-ESD when no Limp Home condition is set and it is
necessary to drive some or all loads. Voltage levels of VDD and VS influence the behavior as described at the
beginning of Chapter 6. Device current consumption is specified with IVDD(ACTIVE) and IVS(ACTIVE) (IACTIVE for the
whole device). The device enters Active mode when IDLE pin is set to “high” and one of the input pins is set to
“high” or one OUT.OUTn bit is set to “1”. If HWCR.ACT is set to “0”, the device returns to Idle mode as soon
as all inputs pins are set to “low” and OUT.OUTn bits are set to “0”. If HWCR.ACT is set to “1”, the device
remains in Active mode independently of the status of input pins and OUT.OUTn bits. An undervoltage
condition on VDD supply brings the device into Idle mode, if all input pins are set to “low”. Even if the registers
MAPIN0 and MAPIN1 are both set to “00H” but one of the input pins INn is set to “high”, the device goes into
Active mode.
6.1.5
Limp Home mode
TLE75602-ESD enters Limp Home mode when IDLE pin is “low” and one of the input pins is set to “high”,
switching ON the channel connected to it. SPI communication is possible but only in read-only mode (SPI
registers can be read but cannot be written). More in detail:
• UVRVS and LOPVDD are set to “1”
• MODE bits are set to “01B” (Limp Home mode)
• TER bit is set to “1” on the first SPI command after entering Limp Home mode. Afterwards it works
normally
• OLOFF bits is set to “0”
• ERRn bits work normally
• DIAG_OSM.OUTn bits can be read and work normally
• All other registers are set to their default value and cannot be programmed as long as the device is in Limp
Home mode
See Table 6 for a detailed overview of supply voltage conditions required to switch ON channels 2 and 3 during
Limp Home. All other channels are OFF.
A transmission of SPI commands during transition from Active to Limp Home mode or Limp Home to Active
mode may result in undefined SPI responses.
6.1.6
Definition of Power Supply modes transition times
The channel turn-ON time is as defined by parameter tON when TLE75602-ESD is in Active mode or in Limp
Home mode. In all other cases, it is necessary to add the transition time required to reach one of the two
aforementioned Power Supply modes (as shown in Figure 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com