Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESD Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE75602-ESD Datasheet HTML 1Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 2Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 3Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 4Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 5Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 6Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 7Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 8Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Datasheet
1
Rev. 1.0
www.infineon.com
2017-11-23
TLE75602-ESD
1
Overview
Applications
• Low-side and High-side switches for 12 V in automotive or industrial
applications such as lighting, heating, motor driving, energy and power
distribution
• Especially designed for driving relays, LEDs and motors.
Figure 1
TLE75602-ESD Application Diagram
SPIDER+ 12V
SPI Driver for Enhanced Relay Control
Package
PG-TSDSO-24-21
Marking
TLE75602ESD
VBATT
OUT5_S
OUT5_D
OUT4_S
OUT4_D
OUT3_S
OUT3_D
OUT7_S
OUT7_D
OUT6_S
OUT6_D
OUT1_LS
OUT0_LS
Application_6XS2LS.emf
ZVS
IDLE
IN1
SO
GND
VDD
CVDD
IN0_LH
IN1_LH
LIMPHOME
RIN
GPO
VDD
RIN
RIDLE
RCSN
RSCLK
RSI
RSO
SI
CSN
VDD
SCLK
IN0
VS
GPO
GPO
GPO
GPO
GPO
GPI
GND
VBATT1
VBATT2
VBATT3
CVS
OUT2_S
OUT2_D
RVDD
RLH


Similar Part No. - TLE75602-ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75602-ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7232G INFINEON-TLE7232G Datasheet
922Kb / 36P
SPI Driver for Enhanced Relay Control
V1.0, September 2005
TLE7234SE INFINEON-TLE7234SE Datasheet
1Mb / 36P
SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7235SE INFINEON-TLE7235SE Datasheet
1Mb / 37P
SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7236SE INFINEON-TLE7236SE Datasheet
1Mb / 37P
SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7237SL INFINEON-TLE7237SL Datasheet
1Mb / 36P
SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7238SL INFINEON-TLE7238SL Datasheet
1Mb / 37P
SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7233EM INFINEON-TLE7233EM Datasheet
966Kb / 33P
SPI Driver for Enhanced Relay Control
Rev. 1.2, May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com