Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESD Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE75602-ESD Datasheet HTML 1Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 2Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 3Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 4Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 5Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 6Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 7Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 8Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
Datasheet
3
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Overview
Detailed Description
The TLE75602-ESD is an eight channel low-side and high-side switch providing embedded protective
functions. The output stages incorporate two low-side and six auto-configurable high-side or low side
switches (typical RDS(ON) at TJ = 25°C is 1 Ω). The auto-configurable switches can be utilized in high-side or low-
side configuration just by connecting the load accordingly. Protection and diagnosis functions adjust
automatically to the hardware configuration.
The 16-bit serial peripheral interface (SPI) is utilized to control and diagnose the device and the loads. The SPI
interface provides daisy chain capability in order to assemble multiple devices (also devices with 8 bit SPI) in
one SPI chain by using the same number of microcontroller pins.
This device is designed for low supply voltage operation, therefore being able to keep its state at low battery
voltage (VS ≥ 3.0 V). The SPI functionality, including the possibility to program the device, is available only
when the digital power supply is present (see Chapter 6 for more details).
The TLE75602-ESD is equipped with two input pins that are connected to two configurable outputs, making
them controllable even when the digital supply voltage is not available. With the Input Mapping functionality
it is possible to connect the input pins to different outputs, or assign more outputs to the same input pin. In
this case more channels can be controlled with one signal applied to one input pin.
In Limp Home mode (Fail-Safe mode) the input pins are directly routed to channels 2 and 3. When IDLE pin is
“low”, it is possible to activate the two channels using the input pins independently from the presence of the
digital supply voltage.
The device provides diagnosis of the load via Open Load at OFF state (with DIAG_OSM.OUTn bits) and short
circuit detection. For Open Load at OFF state detection, a internal current source IOL can be activated via SPI.
Each output stage is protected against short circuit. In case of Overload, the affected channel switches OFF
when the Overload Detection Current IL(OVLn) is reached and can be reactivated via SPI. In Limp Home mode
operation, the channels connected to an input pin set to “high” restart automatically after Output Restart time
tRETRY(LH) is elapsed. Temperature sensors are available for each channel to protect the device against Over
Temperature.
The power transistors are built by N-channel power MOSFET with one central chargepump for auto-
configurable channels. The inputs are ground referenced TTL compatible. The device is monolithically
integrated in Smart Power Technology.
Table 1
Product Summary
Parameter
Symbol
Values
Analog supply voltage
VS
3.0 V … 28 V
Digital supply voltage
VDD
3.0 V … 5.5 V
Minimum overvoltage protection
VS(AZ)
42 V (see Chapter 8.5 for details)
Maximum on-state resistance at TJ = 150 °C
RDS(ON)
2.2 Ω
Nominal load current (TA = 85 °C, all channels)
IL(NOM)
330 mA
Maximum Energy dissipation - repetitive
EAR
10 mJ @ IL(EAR) = 220 mA
Minimum Drain to Source clamping voltage
VDS(CL)
42 V (when used as low-side switches)
Maximum Source to Ground clamping voltage
VOUT_S(CL)
-16 V
Maximum overload switch OFF threshold
IL(OVL0)
2.3 A
Maximum total quiescent current at TJ ≤ 85 °C
ISLEEP
5µA
Maximum SPI clock frequency
fSCLK
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com