Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD3000P100 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD3000P100
Description  2W PACKAGED POWER PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000P100 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD3000P100 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000P100 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000P100 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FPD3000P100
2W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Released: 6/27/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
FEATURES
♦ 32.5 dBm Linear Output Power
♦ 17 dB Power Gain at 2 GHz
♦ 9.5 dB Maximum Stable Gain at 10 GHz
♦ 42 dBm Output IP3
♦ 45% Power-Added Efficiency at 2 GHz
•
DESCRIPTION AND APPLICATIONS
The FPD3000P100 is a packaged AlGaAs/InGaAs pseudomorphic High Electron Mobility
Transistor (PHEMT), featuring a 0.25
µm by 3000 µm Schottky barrier gate, defined by high-
resolution stepper-based photolithography. The recessed and offset Gate structure minimizes
parasitics to optimize performance. The epitaxial structure and processing have been optimized for
reliable high-power applications. The FPD3000P100 also features Si3N4 passivation and is also
available in die form and in the low cost plastic SOT89 plastic package.
Typical applications include commercial and other narrowband and broadband high-performance
amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output
amplifiers, and medium-haul digital radio transmitters.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UNLESS OTHERWISE NOTED, RF SPECIFICATIONS MEASURED AT f = 2 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 8 V; IDS = 50% IDSS
31.0
32.5
dBm
Power Gain at P1dB
G1dB
VDS = 8 V; IDS = 50% IDSS
16.5
17.0
dB
Maximum Stable Gain (S21/S12)
SSG
VDS = 8 V; IDS = 50% IDSS
f = 2 GHz
f = 10 GHz
20.5
8.5
21.5
9.5
dB
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 8V; IDS = 50% IDSS
Matched for optimal power
42
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
750
930
1110
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
1.5
A
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
800
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
2
20
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 3 mA
0.7
1.0
1.3
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 3 mA
14.5
16.0
V
Thermal Resistivity (see Notes)
θJC
VDS > 6V
24
°C/W


Similar Part No. - FPD3000P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
168Kb / 3P
2W POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
FPD3000-000 RFMD-FPD3000-000 Datasheet
243Kb / 4P
2W POWER pHEMT
FPD3000-000S3 RFMD-FPD3000-000S3 Datasheet
243Kb / 4P
2W POWER pHEMT
More results

Similar Description - FPD3000P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
PACKAGED MEDIUM POWER PHEMT
LPV3000 FILTRONIC-LPV3000 Datasheet
49Kb / 2P
2W Power PHEMT
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000V FILTRONIC-FPD2000V Datasheet
510Kb / 3P
2W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com