Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC233 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TC233
Description  32-Bit Single-Chip Microcontroller
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC233 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TC233 Datasheet HTML 60Page - Infineon Technologies AG TC233 Datasheet HTML 61Page - Infineon Technologies AG TC233 Datasheet HTML 62Page - Infineon Technologies AG TC233 Datasheet HTML 63Page - Infineon Technologies AG TC233 Datasheet HTML 64Page - Infineon Technologies AG TC233 Datasheet HTML 65Page - Infineon Technologies AG TC233 Datasheet HTML 66Page - Infineon Technologies AG TC233 Datasheet HTML 67Page - Infineon Technologies AG TC233 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 238 page
background image
TC233 / TC234 / TC237
Package and Pinning DefinitionsPG-LFBGA-292-6 Package Variant Pin
Data Sheet
2-58
V 1.0 2017-03
W14
P33.8
I
A1+ /
HighZ /
VDDP3
General-purpose input
TIM0_4
GTM_TIN
SCU_EMGSTOPA
SCU input
IOM_PIN8
IOM pad input
P33.8
O0
General-purpose output
TOM0_4
O1
GTM_TOUT (= DTM1_OUT4)
TOM1_4
GTM_TOUT (= DTM5_OUT4)
TOM0_6N
GTM_TOUT (= DTM1_OUT6_N)
TOM1_6N
GTM_TOUT (= DTM5_OUT6_N)
IOM_MON0_8
IOM monitor input
—O2
Reserved
QSPI3_SLSO2
O3
QSPI3 output (aka: SLSO32)
—O4
Reserved
CAN0_TXD
O5
CAN node 0 output (aka: TXDCAN0)
IOM_MON2_5
IOM monitor input
IOM_REF2_5
IOM reference input
—O6
Reserved
CCU61_COUT62
O7
CCU61 output
IOM_MON1_13
IOM monitor input
IOM_REF1_8
IOM reference input
SMU_FSP
O
SMU
Table 2-13 Port 33 Functions
(cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com